Electronic Components Datasheet Search
  English  ▼

X  

SS9175CS-3 Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS9175CS-3
Description  Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS9175CS-3 Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS9175CS-3 Datasheet HTML 4Page - Silicon Standard Corp. SS9175CS-3 Datasheet HTML 5Page - Silicon Standard Corp. SS9175CS-3 Datasheet HTML 6Page - Silicon Standard Corp. SS9175CS-3 Datasheet HTML 7Page - Silicon Standard Corp. SS9175CS-3 Datasheet HTML 8Page - Silicon Standard Corp. SS9175CS-3 Datasheet HTML 9Page - Silicon Standard Corp. SS9175CS-3 Datasheet HTML 10Page - Silicon Standard Corp. SS9175CS-3 Datasheet HTML 11Page - Silicon Standard Corp. SS9175CS-3 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.SiliconStandard.com
10 of 12
SS9175/6
Two independent voltage outputs using SS9175
For independent outputs, this design is implemented
using SS9175. The dual-phase MOSFETs can be
supplied from different supply voltages (in this case,
from 12V for channel 2, and 5V for channel 1).
They can be supplied from the same supply
voltage, too. As there are two independent output
voltages (2.1V and 1.4V in this case), the divided
voltages are fed back to their respective IN1 and
IN2 pins. The VCC supply voltage can be either
12V or 5V, depending on the convenience of PCB
layout, but VCC = 12V is recommended. If VCC >
6.5V, the BSTC output is fixed at 6V. This BSTC
voltage is used as the supply voltage for the
bootstrap circuit’s diodes input. A 10uF capacitor is
recommended for BSTC decoupling. A 1k resistor
is connected from CL1+ and CL2+ to the
MOSFET’s high-side voltages. This 1k resistor is
used to program the OCP level.
12V
5V
PWRG
CL1+
CL1-
DH1
DL1
BST1
PGND
COMP1
VCC
PWRGD
IN1
CL2+
CL2-
DH2
DL2
BST2
BSTC
COMP2
SS/ENB
GND
IN2
10uF
1k
7.5uH
7.5uH
50k
450uF
25k
50k
50k
2.1v
1uF
1uF
0.22uF
1k
2.2pF
2.2pF
450uF
n APPLICATION INFORMATION (cont.)
Rev.2.02 12/29/2003
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com