Electronic Components Datasheet Search
  English  ▼

X  

X20C04 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X20C04
Description  Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C04 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X20C04 Datasheet HTML 7Page - Xicor Inc. X20C04 Datasheet HTML 8Page - Xicor Inc. X20C04 Datasheet HTML 9Page - Xicor Inc. X20C04 Datasheet HTML 10Page - Xicor Inc. X20C04 Datasheet HTML 11Page - Xicor Inc. X20C04 Datasheet HTML 12Page - Xicor Inc. X20C04 Datasheet HTML 13Page - Xicor Inc. X20C04 Datasheet HTML 14Page - Xicor Inc. X20C04 Datasheet HTML 15Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
X20C04
13
PACKAGING INFORMATION
0.150 (3.81) BSC
0.458 (11.63)
––
0.458 (11.63)
0.442 (11.22)
PIN 1
3926 FHD F14
0.020 (0.51) x 45
° REF.
0.095 (2.41)
0.075 (1.91)
0.022 (0.56)
0.006 (0.15)
0.055 (1.39)
0.045 (1.14)
TYP. (4) PLCS.
0.040 (1.02) x 45
° REF.
TYP. (3) PLCS.
0.050 (1.27) BSC
0.028 (0.71)
0.022 (0.56)
(32) PLCS.
0.200 (5.08)
BSC
0.558 (14.17)
––
0.088 (2.24)
0.050 (1.27)
0.120 (3.05)
0.060 (1.52)
PIN 1 INDEX CORNER
32-PAD CERAMIC LEADLESS CHIP CARRIER PACKAGE TYPE E
NOTE:
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
2. TOLERANCE:
±1% NLT ±0.005 (0.127)
0.300 (7.62)
BSC
0.015 (0.38)
MIN.
0.400 (10.16)
BSC
0.560 (14.22)
0.540 (13.71)
DIA.
0.015 (0.38)
0.003 (0.08)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com