Electronic Components Datasheet Search
  English  ▼

X  

SS6383GSTR Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6383GSTR
Description  1.5A DDR Termination Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6383GSTR Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS6383GSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6383GSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6383GSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6383GSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6383GSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6383GSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6383GSTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.SiliconStandard.com
6 of 7
10/07/2004 Rev.1.01
SS6383(G)
PIN DESCRIPTIONS
PIN 1:
VIN
- Input supply pin - provides
power to create the external
reference voltage using a
resistor divider for regulating
VREF and VOUT.
PIN 2:
GND
- Ground pin.
PIN 3:
VREF - Reference voltage input. Pull this
pin low to shut the device down.
PIN 4:
VOUT - Output pin.
PIN 5~8: VCNTL - Input supply pin - supplies all
the internal control circuitry.
APPLICATION INFORMATION
Layout Consideration
The SS6383 is in an SO-8 package and is unable
to dissipate heat easily when operating with high
currents. In order to avoid exceeding the maximum
junction temperature, an appropriate area of copper
must be used.
The large copper area around the VCNTL pins can
be used to assist the heat dissipation. Vias to lead
heat into the bottom layer are also recommended.
All capacitors should be placed as close to the
relative IC pin as possible.
Fig. 10. Top layer
Fig. 11. Bottom layer
Fig. 12. Placement



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com