Electronic Components Datasheet Search
  English  ▼

X  

SS6383CSTR Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6383CSTR
Description  1.5A DDR Termination Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6383CSTR Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6383CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6383CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6383CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6383CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6383CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6383CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6383CSTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.SiliconStandard.com
1 of 7
SS6383(G)
10/07/2004 Rev.1.01
1.5A DDR Termination Regulator
FEATURES
DESCRIPTION
Source and sink current capability of 1.5A
Low output voltage offset, ±20mV
High accuracy output voltage at full-load
VOUT adjustable by external resistors
Low external component count
Current limit protection
Thermal protection
SO-8 package
APPLICATIONS
Mother Board
Graphic Cards
DDR Termination Voltage Supply - supports
The SS6383 linear regulator is designed to
provide 1.5A source and sink current while
regulating an output voltage to within 25mV.
The SS6383 converts voltage supplies ranging
from 1.6V to 6V into an output voltage that
is set by two external voltage-divider resistors.
It provides an excellent voltage source for
active termination schemes for high-speed
transmission lines such as those seen in high-
speed memory buses.
The built-in current-limiting in source and sink
mode, together with thermal shutdown, provides
maximum protection to the SS6383 against
fault conditions.
TYPICAL APPLICATION CIRCUIT
DDR1 (1.25VTT), DDR2 (0.9VTT), and meets
JEDEC SSTL-2 and SSTL-3 term. specifications
100K
100pF
EN
+
COUT
220
µF
+
CIN
470
µF
R
1
100K
R2
VIN=2.5V
SSM7002EN
C1
1
2
4
3
+
CCNTL
47
µF
VCNTL=3.3V
VIN
GND
VCNTL
8
VOUT
VREF
VCNTL
7
VCNTL
6
VCNTL
5
SS6383
VOUT=1.25V
This device is available with Pb-free lead finish (second-level interconnect) as SS6383GS


Similar Part No. - SS6383CSTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6383A SSC-SS6383A Datasheet
772Kb / 7P
2A DDR Termination Regulator
SS6383ACE5TR SSC-SS6383ACE5TR Datasheet
772Kb / 7P
2A DDR Termination Regulator
SS6383ACSTR SSC-SS6383ACSTR Datasheet
772Kb / 7P
2A DDR Termination Regulator
SS6383AG SSC-SS6383AG Datasheet
772Kb / 7P
2A DDR Termination Regulator
SS6383AGE5TR SSC-SS6383AGE5TR Datasheet
772Kb / 7P
2A DDR Termination Regulator
More results

Similar Description - SS6383CSTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
1.5A LDO, DDR Bus Termination Regulator
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
1.5A DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
1.5A DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com