Electronic Components Datasheet Search
  English  ▼

X  

QLB Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QLB
Description  MOLDED PARTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QLB Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QLB Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QLB
LOW VOLTAGE CABLE BREAKOUT, FLAME-RETARDANT
2 CORE & 3 CORE
Features/Applications
QLB is widely used in the electrical power industry because of the insulating,
UV and weather proof properties. The heat shrinkable boots seal and protect
multi core cables. Coated with specially designed hot-melt adhesive.
Technical Data
2 - Core
3 - Core
S
T
R
A
P
D
E
D
L
O
M
Qualtek Electronics
Typical Data
Property
Test Method
Operating Temperature
Tensile Strength
Tensile Strength After Thermal Aging (120°C, 168 hrs.)
Elongation at Break After Thermal Aging (120°C, 168 hrs.)
Elongation at Break
Water Absorption
Volume Resistance
Dielectric Strength
13
IEC 216
ASTM D 2671
ASTM D 2671
ASTM D 2671
ASTM D 2671
ISO 62
IEC 93
IEC 243
QLB205-22/8
QLB210-30/12
QLB215-40/16
QLB220-60/23
QLB220L-60/23L
QLB230-90/60
QLB240-150/90
22
30
40
60
60
90
150
2.2
2.6
2.1
2.6
2.6
3.0
3.0
9
14
15
25
25
30
20
3.5
4.5
5.0
7.5
7.5
8.5
6.5
55
93
125
118
155
190
150
18
23
35
29
45
50
70
1.8
2.2
2.1
2.6
2.6
3.0
3.0
l (mm)
a (Min.)
L (mm)
Recovered Length
± 10%
Recovered Wall
± 10%
2 CORE BREAKOUTS
Part
Number
a (Min.)
b (Max.)
D (mm)
b (Max.)
F (mm)
Dw (mm)
lw (mm)
8
12
16
23
23
60
90
3 CORE BREAKOUTS
QLB310-38/16
QLB320-60/25
QLB330-80/38
QLB340-110/50
QLB350-125/57
QLB360-140/70
QLB370-170/77
QLB310L-40/16L
QLB320L-60/24L
QLB330L-80/38L
38
60
80
110
125
140
170
40
60
80
16
25
38
50
57
70
77
16
24
38
2.1
3.0
3.5
4.0
4.0
4.0
4.0
2.1
3.2
4.0
15
25
35
46
55
62
75
15
25
35
4.5
8.0
11.0
17.5
20.0
26.0
28.0
4.5
8.0
11.0
110
165
185
250
260
280
280
125
180
215
35
50
55
65
75
75
80
35
45
57
2.1
2.5
3.5
4.0
4.0
4.0
4.0
2.1
2.8
4.0
l (mm)
a (Min.)
L (mm)
Recovered Length
± 10%
Recovered Wall
± 10%
Part
Number
a (Min.)
b (Max.)
D (mm)
b (Max.)
F (mm)
Dw (mm)
lw (mm)
Notes:
(a) as supplied
(b) after recovery
Operating temperature: -55°C to +110°C
Minimum shrink temperature: 110°C
Full Recovery Temperature: 130°C
Standard color: Black
RoHS Compliant
-55°C to +110°C
13 MPa min.
10 MPa min.
250% min.
300% min.
1% max.
10
Ω.cm (min.)
15KV / mm (min.)
Extender 3 Core Breakouts
ISO-9001 Company
www.qualtekusa.com
QLB-200C


Similar Part No. - QLB

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QLB-033-00DNN-3BA QUALTEK-QLB-033-00DNN-3BA Datasheet
393Kb / 1P
CIRCUIT BREAKER
QLB-033-11B3N-3BA QUALTEK-QLB-033-11B3N-3BA Datasheet
396Kb / 1P
CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
CIRCUIT BREAKER
QLB-053-11B3N-3BA QUALTEK-QLB-053-11B3N-3BA Datasheet
396Kb / 1P
CIRCUIT BREAKER
QLB-073-00DNN-3BA QUALTEK-QLB-073-00DNN-3BA Datasheet
392Kb / 1P
CIRCUIT BREAKER
More results

Similar Description - QLB

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QAS QUALTEK-QAS Datasheet
529Kb / 1P
MOLDED PARTS
QCB QUALTEK-QCB Datasheet
502Kb / 1P
MOLDED PARTS
QCFT QUALTEK-QCFT Datasheet
584Kb / 1P
MOLDED PARTS
QMR QUALTEK-QMR Datasheet
617Kb / 1P
MOLDED PARTS
logo
Productwell Precision E...
QMB320-60-24 PRODUCTWELL-QMB320-60-24 Datasheet
553Kb / 1P
MOLDED PARTS
logo
Tyco Electronics
013055-000 MACOM-013055-000 Datasheet
116Kb / 1P
MOLDED PARTS SEPCIFICATION CONTROL DRAWING
022965-000 MACOM-022965-000 Datasheet
150Kb / 2P
Molded Parts Customer Drawing
024285-000 MACOM-024285-000 Datasheet
208Kb / 1P
Molded Parts Specification Control Drawing
2-1190520-4 MACOM-2-1190520-4 Datasheet
159Kb / 1P
Thermofit Molded Parts
301A011THRU048 MACOM-301A011THRU048 Datasheet
133Kb / 1P
MOLDED PARTS SPECIFICATION CONTROL DRAWING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com