Electronic Components Datasheet Search
  English  ▼

X  

X24012PI Datasheet(PDF) 8 Page - Xicor Inc.

Part # X24012PI
Description  Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24012PI Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X24012PI Datasheet HTML 4Page - Xicor Inc. X24012PI Datasheet HTML 5Page - Xicor Inc. X24012PI Datasheet HTML 6Page - Xicor Inc. X24012PI Datasheet HTML 7Page - Xicor Inc. X24012PI Datasheet HTML 8Page - Xicor Inc. X24012PI Datasheet HTML 9Page - Xicor Inc. X24012PI Datasheet HTML 10Page - Xicor Inc. X24012PI Datasheet HTML 11Page - Xicor Inc. X24012PI Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
X24012
8
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24012
SLAVE
ADDRESS
A
C
K
A
C
K
DATA n+x
S
T
O
P
P
DATA n
A
C
K
DATA n+1
A
C
K
DATA n+2
Sequential Read
Sequential Read can be initiated as either a current
address read or random access read. The first word is
transmitted as with the other modes, however, the
master now responds with an acknowledge, indicating it
requires additional data. The X24012 continues to out-
put data for each acknowledge received. The read
operation is terminated by the master, by not responding
with an acknowledge and by issuing a stop condition.
The data output is sequential, with the data from address
n followed by the data from n + 1. The address counter
for read operations increments all address bits, allowing
the entire memory contents to be serially read during
one operation. At the end of the address space (address
127), the counter “rolls over” to address 0 and the
X24012 continues to output data for each acknowledge
received. Refer to Figure 9 for the address, acknowl-
edge and data transfer sequence.
Figure 9. Sequential Read
Figure 10. Typical System Configuration
3847 FHD F14
3847 FHD F15
MASTER
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER
SLAVE
TRANSMITTER/
RECEIVER
MASTER
TRANSMITTER
MASTER
TRANSMITTER/
RECEIVER
SDA
SCL
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com