Electronic Components Datasheet Search
  English  ▼

X  

X24164PI Datasheet(PDF) 6 Page - Xicor Inc.

Part # X24164PI
Description  Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24164PI Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X24164PI Datasheet HTML 2Page - Xicor Inc. X24164PI Datasheet HTML 3Page - Xicor Inc. X24164PI Datasheet HTML 4Page - Xicor Inc. X24164PI Datasheet HTML 5Page - Xicor Inc. X24164PI Datasheet HTML 6Page - Xicor Inc. X24164PI Datasheet HTML 7Page - Xicor Inc. X24164PI Datasheet HTML 8Page - Xicor Inc. X24164PI Datasheet HTML 9Page - Xicor Inc. X24164PI Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
X24164
6
WRITE OPERATION
COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS AND R/W = 0
ACK
RETURNED?
NEXT
OPERATION
A WRITE?
ISSUE BYTE
ADDRESS
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO
Flow 1. ACK Polling Sequence
Page Write
The X24164 is capable of a sixteen byte page write
operation. It is initiated in the same manner as the byte
write operation, but instead of terminating the write cycle
after the first data word is transferred, the master can
transmit up to fifteen more words. After the receipt of each
word, the X24164 will respond with an acknowledge.
After the receipt of each word, the four low order address
bits are internally incremented by one. The high order
seven bits of the word address remain constant. If the
master should transmit more than sixteen words prior to
generating the stop condition, the address counter will
“roll over” and the previously written data will be over-
written. As with the byte write operation, all inputs are
disabled until completion of the internal write cycle.
Refer to Figure 6 for the address, acknowledge and data
transfer sequence.
Acknowledge Polling
The disabling of the inputs can be used to take advan-
tage of the typical 5 ms write cycle time. Once the stop
condition is issued to indicate the end of the host’s write
operation the X24164 initiates the internal write cycle.
ACK polling can be initiated immediately. This involves
issuing the start condition followed by the slave address
for a write operation. If the X24164 is still busy with the
write operation no ACK will be returned. If the X24164
has completed the write operation an ACK will be
returned and the host can then proceed with the next
read or write operation. Refer to Flow 1.
3846 FHD F12
Figure 6. Page Write
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24164
S
T
A
R
T
SLAVE
ADDRESS
S
S
T
O
P
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
WORD ADDRESS (n)
DATA n
DATA n+1
DATA n+15
NOTE: In this example n = xxxx 0000 (B); x = 1 or 0
3846 FHD F13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com