Electronic Components Datasheet Search
  English  ▼

X  

SS6631-ACSTR Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS6631-ACSTR
Description  500mA Step-Up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6631-ACSTR Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6631-ACSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6631-ACSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6631-ACSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6631-ACSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6631-ACSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6631-ACSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6631-ACSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6631-ACSTR Datasheet HTML 10Page - Silicon Standard Corp. SS6631-ACSTR Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.SiliconStandard.com
9 of 11
SS6631/6631A

!"
APPLICATION EXAMPLES!%&




 
Ω





3



µ

 


10 ,(#*4$&%+
0 ,(&*!56&%+



µ

SS6631-5


 








µ



7
8
µ



  










 
 
 
 


'(,-$ !" !.!#/% 


'%%%
(
+%+,
µ

!
SS6631A

--./%( +0#
-,
1-
%2
1+
',(
1
!

µ

µ

Ω
3
!

)4
3
!
!
3
3

≥

'(01%2!#34")!!"3 

µ


µ

µ


µ



 






µ




µ








!
 

"
"#
" 
#$ 
$
SS6631A

 % 

'(5 6*!
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com