Electronic Components Datasheet Search
  English  ▼

X  

SS6631-CSTR Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6631-CSTR
Description  500mA Step-Up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6631-CSTR Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6631-CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6631-CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6631-CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6631-CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6631-CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6631-CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6631-CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6631-CSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6631-CSTR Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.SiliconStandard.com
6 of 11
SS6631/6631A

!"
PIN DESCRIPTIONS
SS6631/-3/-5
("6$F"1",B*4) $#  "6 
   
 7   "
 + "#)
 :     2)
 +    
 + :  
 SS6631 is
2      2
  !*    )
 2   '
 "1",B*4   
 "62
  7   



.SS6631)
 2  2
  $µ 
"1",B*4    
 
("6.F"6
) " 
("6&F*C
) 4      : 
    B )

("6@F*G64 ) G  
 
("6;F#G64 ) G        
 "# "    
 2*G64+ )
 
("6%F13 )       )
    :  @;Ω
D6 EA."
+
13"$..
("6-F13"
)  +    
    :  
 +      
 $.. + )

("6<FH )   + 7
"# 
SS6631A
("6$F "1",B*4)
$ #  "6 
       
7 " +
  "#   :  
  2 +   
  + :  
    SS6631A 
2  2 )
  !*     2
  '"1",B*4
     "6  
27 




. SS6631A)
22
 $µ  "1",B*4  
 
("6.F "6
) " 
("6&F*C
)
4  :
 B
("6@F G64 ) G 
("6;F ?3
)
 +    
  ;+  )
?3: 8  
     +    
 ?3   +  + 
+   
H +  +   
9F
$
%$-

.
$
 −
=

 $A 
?3H
.A    )
?3 
HA+
("6%F 13 )
  
  :  @;ΩD6 )
E  A. "  

+13"
$..
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com