Electronic Components Datasheet Search
  English  ▼

X  

X24128PI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X24128PI
Description  400KHz 2-Wire Serial E2PROM with Block Lock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24128PI Datasheet(HTML) 1 Page - Xicor Inc.

  X24128PI Datasheet HTML 1Page - Xicor Inc. X24128PI Datasheet HTML 2Page - Xicor Inc. X24128PI Datasheet HTML 3Page - Xicor Inc. X24128PI Datasheet HTML 4Page - Xicor Inc. X24128PI Datasheet HTML 5Page - Xicor Inc. X24128PI Datasheet HTML 6Page - Xicor Inc. X24128PI Datasheet HTML 7Page - Xicor Inc. X24128PI Datasheet HTML 8Page - Xicor Inc. X24128PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
400KHz 2-Wire Serial E2PROM with Block LockTM
128K
16K x 8 Bit
©Xicor, 1995, 1996 Patents Pending
Characteristics subject to change without notice
7027-1.3 5/14/97 T2/C0/D2 SH
1
X24128
FUNCTIONAL DIAGRAM
FEATURES
• Save Critical Data with Programmable
Block Lock Protection
—Block Lock (0, 1/4, 1/2, or all of E2PROM Array)
—Software Write Protection
—Programmable Hardware Write Protect
• In Circuit Programmable ROM Mode
• 400KHz 2-Wire Serial Interface
—Schmitt Trigger Input Noise Suppression
—Output Slope Control for Ground Bounce
Noise Elimination
• Longer Battery Life With Lower Power
—Active Read Current Less Than 1mA
—Active Write Current Less Than 3mA
—Standby Current Less Than 1
µA
• 1.8V to 3.6V, 2.5V to 5.5V and 4.5V to 5.5V
Power Supply Versions
• 32 Word Page Write Mode
—Minimizes Total Write Time Per Word
• Internally Organized 16K x 8
• Bidirectional Data Transfer Protocol
• Self-Timed Write Cycle
—Typical Write Cycle Time of 5ms
• High Reliability
—Endurance: 100,000 Cycles
—Data Retention: 100 Years
• 14-Lead SOIC
• 16-Lead SOIC
• 8-Lead PDIP
DESCRIPTION
The X24128 is a CMOS Serial E2PROM, internally
organized 16K x 8. The device features a serial inter-
face and software protocol allowing operation on a
simple two wire bus.
Three device select inputs (S0–S2) allow up to eight
devices to share a common two wire bus.
A Write Protect Register at the highest address loca-
tion, FFFFh, provides three write protection features:
Software Write Protect, Block Lock Protect, and
Programmable Hardware Write Protect. The Software
Write Protect feature prevents any nonvolatile writes to
the device until the WEL bit in the Write Protect
Register is set. The Block Lock Protection feature
gives the user four array block protect options, set by
programming two bits in the Write Protect Register.
The Programmable Hardware Write Protect feature
allows the user to install the device with WP tied to
VCC, write to and Block Lock the desired portions of
the memory array in circuit, and then enable the In
Circuit Programmable ROM Mode by programming the
WPEN bit HIGH in the Write Protect Register. After
this, the Block Locked portions of the array, including
the Write Protect Register itself, are permanently
protected from being erased.
SERIAL E2PROM DATA
AND ADDRESS (SDA)
SCL
S2
S1
S0
WP
COMMAND
DECODE
AND
CONTROL
LOGIC
BLOCK LOCK AND
WRITE PROTECT
CONTROL LOGIC
DEVICE
SELECT
LOGIC
WRITE
PROTECT
REGISTER
PAGE
DECODE
LOGIC
DATA REGISTER
Y DECODE LOGIC
4K x 8
4K x 8
8K x 8
WRITE VOLTAGE
CONTROL
SERIAL E2PROM
ARRAY
16K x 8
7027 FM 01


Similar Part No. - X24128PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X241 ETC1-X241 Datasheet
67Kb / 1P
X200 SERIES (CMOS) STANDARD SPECFITIONS
X241-883B ETC1-X241-883B Datasheet
67Kb / 1P
X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Xicor Inc.
X24164 XICOR-X24164 Datasheet
60Kb / 14P
Serial E2PROM
X24164P XICOR-X24164P Datasheet
60Kb / 14P
Serial E2PROM
X24164P-2.7 XICOR-X24164P-2.7 Datasheet
60Kb / 14P
Serial E2PROM
More results

Similar Description - X24128PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E2PROM with Block Lock Protection
X24320 XICOR-X24320 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24640 XICOR-X24640 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E 2 PROM with Block Lock
X24257 XICOR-X24257 Datasheet
502Kb / 19P
400kHz 2-Wire Serial EEPROM with Block Lock
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24645 ICMIC-X24645 Datasheet
317Kb / 18P
Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
SPI Serial E2PROM with Block Lock Protection
logo
Seiko Instruments Inc
S24C256C SII-S24C256C Datasheet
1Mb / 35P
2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com