Electronic Components Datasheet Search
  English  ▼

X  

SS6633-CSTB Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6633-CSTB
Description  200mA Step-Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6633-CSTB Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6633-CSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6633-CSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6633-CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6633-CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6633-CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6633-CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6633-CSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6633-CSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6633-CSTB Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.SiliconStandard.com
7 of 10
SS6633/6633A

SS6633A
+%='@%2%-7#5$ ' &  %= 
!  !!   
6!!%!,
!%&!:
 3!, 
  ! ,!:
!!3!!3
     
##6()) "#  
!!3 !!*
 %2%-7#5   
!  %=   3
6!!



/  ##6())  

3

3   '.µ
%2%-7#5
!
+%=/@ %= $ 
% 
+%=)@ #I $5!   ! :  
!7
+%=<@ >=5 $ 
>!
+%=;@ B4 $ ,  ! 
!    ; ,  
!B4:!8! 
   !!!  ,  
   B4   ,!
,,!!!

 ,  ,   
9@

'
.('

/
'
 −
=

! 'G ! 
B4 
/G !

B4!

G,
+%=(@ 24 $ !    ! 
 !:  <; Ω J=
!K  G/ %  
,24%
'//
+%=@ 24% $ $,!   
! !:
,!   ! 
  '// ,
!!
+%=@  $  , 6 
 %& !   % 
,  8!  : 
  
3   ,
  8! !
!
!"
APPLICATION EXAMPLES








!"#




µ



µ


Ω




6


















µ















  
 
 
 
 

' ((  )!!  
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com