Electronic Components Datasheet Search
  English  ▼

X  

X24641 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X24641
Description  400 KHz 2-Wire Serial E 2 PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24641 Datasheet(HTML) 3 Page - Xicor Inc.

  X24641 Datasheet HTML 1Page - Xicor Inc. X24641 Datasheet HTML 2Page - Xicor Inc. X24641 Datasheet HTML 3Page - Xicor Inc. X24641 Datasheet HTML 4Page - Xicor Inc. X24641 Datasheet HTML 5Page - Xicor Inc. X24641 Datasheet HTML 6Page - Xicor Inc. X24641 Datasheet HTML 7Page - Xicor Inc. X24641 Datasheet HTML 8Page - Xicor Inc. X24641 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
X24641
3
DEVICE OPERATION
The device supports a bidirectional, bus oriented
protocol. The protocol defines any device that sends
data onto the bus as a transmitter, and the receiving
device as the receiver. The device controlling the
transfer is a master and the device being controlled is
the slave. The master will always initiate data trans-
fers, and provide the clock for both transmit and
receive operations. Therefore, the device will be
considered a slave in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. Refer
to Figures 1 and 2.
Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL
is HIGH. The device continuously monitors the SDA
and SCL lines for the start condition and will not
respond to any command until this condition has been
met.
SCL
SDA
DATA STABLE
DATA
CHANGE
7026 FM 03
SCL
SDA
START BIT
STOP BIT
7026 FM 04
Figure 1. Data Validity
Figure 2. Definition of Start and Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com