Electronic Components Datasheet Search
  English  ▼

X  

HFP2N65 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFP2N65
Description  650V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFP2N65 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFP2N65 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFP2N65 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFP2N65 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFP2N65 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFP2N65 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFP2N65 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFP2N65 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
◎ SEMIHOW REV.A0,July 2007
2
1
3
BV
DSS = 650 V
R
DS(on) typ = 4.5 Ω
I
D = 1.8 A
 Originative New Design
 Superior Avalanche Rugged Technology
 Robust Gate Oxide Technology
 Very Low Intrinsic Capacitances
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 9.0 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 4.5 Ω (Typ.) @VGS=10V
 100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
TO-220
1.Gate 2. Drain 3. Source
HFP2N65
650V N-Channel MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
650
V
I
D
Drain Current
– Continuous (T
C = 25℃)
1.8
A
Drain Current
– Continuous (T
C = 100℃)
1.1
A
I
DM
Drain Current
– Pulsed
(Note 1)
7.2
A
V
GS
Gate-Source Voltage
±30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
120
mJ
I
AR
Avalanche Current
(Note 1)
1.8
A
E
AR
Repetitive Avalanche Energy
(Note 1)
5.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
P
D
Power Dissipation (T
C = 25℃)
- Derate above 25℃
54
W
0.43
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
℃
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
2.32
℃/W
RθCS
Case-to-Sink
0.5
--
RθJA
Junction-to-Ambient
--
62.5
July 2007


Similar Part No. - HFP2N65

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFP2N65F SEMIHOW-HFP2N65F Datasheet
251Kb / 9P
650V N-Channel MOSFET
HFP2N65S SEMIHOW-HFP2N65S Datasheet
779Kb / 8P
650V N-Channel MOSFET
HFP2N65U SEMIHOW-HFP2N65U Datasheet
197Kb / 8P
Superior Avalanche Rugged Technology
More results

Similar Description - HFP2N65

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
650V N-Channel MOSFET
HFP4N65 SEMIHOW-HFP4N65 Datasheet
802Kb / 8P
650V N-Channel MOSFET
HFP8N65S SEMIHOW-HFP8N65S Datasheet
873Kb / 8P
650V N-Channel MOSFET
HFS2N65 SEMIHOW-HFS2N65 Datasheet
868Kb / 7P
650V N-Channel MOSFET
HFS4N65 SEMIHOW-HFS4N65 Datasheet
848Kb / 7P
650V N-Channel MOSFET
HFS10N65S SEMIHOW-HFS10N65S Datasheet
906Kb / 7P
650V N-Channel MOSFET
HFU2N65 SEMIHOW-HFU2N65 Datasheet
876Kb / 7P
650V N-Channel MOSFET
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com