Electronic Components Datasheet Search
  English  ▼

X  

HFP3N80 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFP3N80
Description  800V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFP3N80 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFP3N80 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFP3N80 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFP3N80 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFP3N80 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFP3N80 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFP3N80 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFP3N80 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFP3N80 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
◎ SEMIHOW REV.A0,Dec 2005
10
-1
10
0
10
1
0
300
600
900
1200
1500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
Typical Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150 ℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0
4
8
12
16
20
0
2
4
6
8
10
12
V
DS = 400V
V
DS = 160V
V
DS = 640V
※ Note : I
D = 3.0A
Q
G, Total Gate Charge [nC]
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
V
DS, Drain-Source Voltage [V]
V
GS, Gate-Source Voltage [V]
I
D, Drain Current [A]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com