Electronic Components Datasheet Search
  English  ▼

X  

X24C04PI Datasheet(PDF) 4 Page - Xicor Inc.

Part # X24C04PI
Description  Serial E2PROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C04PI Datasheet(HTML) 4 Page - Xicor Inc.

  X24C04PI Datasheet HTML 1Page - Xicor Inc. X24C04PI Datasheet HTML 2Page - Xicor Inc. X24C04PI Datasheet HTML 3Page - Xicor Inc. X24C04PI Datasheet HTML 4Page - Xicor Inc. X24C04PI Datasheet HTML 5Page - Xicor Inc. X24C04PI Datasheet HTML 6Page - Xicor Inc. X24C04PI Datasheet HTML 7Page - Xicor Inc. X24C04PI Datasheet HTML 8Page - Xicor Inc. X24C04PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
X24C04
Stop Condition
All communications must be terminated by a stop condi-
tion, which is a LOW to HIGH transition of SDA when SCL
is HIGH. The stop condition is also used by the X24C04
to place the device in the standby power mode after a read
sequence. A stop condition can only be issued after the
transmitting device has released the bus.
Acknowledge
Acknowledge is a software convention used to indicate
successful data transfer. The transmitting device, either
master or slave, will release the bus after transmitting
eight bits. During the ninth clock cycle the receiver will
pull the SDA line LOW to acknowledge that it received
the eight bits of data. Refer to Figure 3.
The X24C04 will respond with an acknowledge after
recognition of a start condition and its slave address. If
both the device and a write operation have been se-
lected, the X24C04 will respond with an acknowledge
after the receipt of each subsequent eight bit word.
In the read mode the X24C04 will transmit eight bits of
data, release the SDA line and monitor the line for an
acknowledge. If an acknowledge is detected and no
stop condition is generated by the master, the X24C04
will continue to transmit data. If an acknowledge is not
detected, the X24C04 will terminate further data trans-
missions. The master must then issue a stop condition
to return the X24C04 to the standby power mode and
place the device into a known state.
Figure 3. Acknowledge Response From Receiver
3839 FHD F08
SCL FROM
MASTER
DATA
OUTPUT
FROM
TRANSMITTER
1
89
DATA
OUTPUT
FROM
RECEIVER
START
ACKNOWLEDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com