Electronic Components Datasheet Search
  English  ▼

X  

X24C44PI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X24C44PI
Description  Serial Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C44PI Datasheet(HTML) 1 Page - Xicor Inc.

  X24C44PI Datasheet HTML 1Page - Xicor Inc. X24C44PI Datasheet HTML 2Page - Xicor Inc. X24C44PI Datasheet HTML 3Page - Xicor Inc. X24C44PI Datasheet HTML 4Page - Xicor Inc. X24C44PI Datasheet HTML 5Page - Xicor Inc. X24C44PI Datasheet HTML 6Page - Xicor Inc. X24C44PI Datasheet HTML 7Page - Xicor Inc. X24C44PI Datasheet HTML 8Page - Xicor Inc. X24C44PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
X24C44
1
Serial Nonvolatile Static RAM
© Xicor, Inc. 1991, 1995, 1996 Patents Pending
Characteristics subject to change without notice
3832-1.5 6/19/96 T2/C1/D1 NS
FEATURES
• Advanced CMOS Version of Xicor’s X2444
• 16 x 16 Organization
• Single 5 Volt Supply
• Ideal for use with Single Chip Microcomputers
—Static Timing
—Minimum I/O Interface
—Serial Port Compatible (COPS™, 8051)
—Easily Interfaced to Microcontroller Ports
• Software and Hardware Control of Nonvolatile
Functions
• Auto Recall on Power-Up
• TTL and CMOS Compatible
• Low Power Dissipation
—Active Current: 10mA Maximum
—Standby Current: 50
µA Maximum
• 8-Lead PDIP, Cerdip, and 8-Lead SOIC Packages
• High Reliability
—Store Cycles: 1,000,000
—Data Retention: 100 Years
FUNCTIONAL DIAGRAM
256 Bit
X24C44
16 x 16 Bit
NONVOLATILE
E
2
PROM
CONTROL
LOGIC
COLUMN
DECODE
ROW
DECODE
4-BIT
COUNTER
INSTRUCTION
DECODE
INSTRUCTION
REGISTER
CE (1)
DI (3)
SK (2)
DO (4)
RECALL (6)
STORE (7)
STATIC
RAM
256-BIT
3832 FHD F01
DESCRIPTION
The Xicor X24C44 is a serial 256 bit NOVRAM featuring
a static RAM configured 16 x 16, overlaid bit-by-bit with
a nonvolatile E2PROM array. The X24C44 is fabricated
with Xicor’s Advanced CMOS Floating Gate technology.
The Xicor NOVRAM design allows data to be transferred
between the two memory arrays by means of software
commands or external hardware inputs. A store opera-
tion (RAM data to E2PROM) is completed in 5ms or less
and a recall operation (E2PROM data to RAM) is com-
pleted in 2
µs or less.
Xicor NOVRAMs are designed for unlimited write opera-
tions to RAM, either from the host or recalls from
E2PROM and a minimum 1,000,000 store operations.
Inherent data retention is specified to be greater than
100 years.
COPS is a trademark of National Semiconductor Corp.
APPLICATION NOTES
A V AILABLE
AN3 • AN7 • AN8 • AN15 • AN16 • AN25 • AN29
• AN30 • AN35 • AN36 • AN39 • AN56 • AN69


Similar Part No. - X24C44PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
Serial AUTOSTORE??NOVRAM
logo
Intersil Corporation
X24C45 INTERSIL-X24C45 Datasheet
192Kb / 12P
Serial AUTOSTORE NOVRAM
June 1, 2005
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Xicor Inc.
X24C45P XICOR-X24C45P Datasheet
58Kb / 14P
Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45P RENESAS-X24C45P Datasheet
499Kb / 12P
256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
More results

Similar Description - X24C44PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
Nonvolatile Static RAM
X22C10 XICOR-X22C10 Datasheet
60Kb / 12P
Nonvolatile Static RAM
X22C12 XICOR-X22C12 Datasheet
60Kb / 12P
Nonvolatile Static RAM
logo
Catalyst Semiconductor
CAT24C44 CATALYST-CAT24C44 Datasheet
44Kb / 8P
256-Bit Serial Nonvolatile CMOS Static RAM
logo
Xicor Inc.
X2212 XICOR-X2212 Datasheet
361Kb / 8P
Nonvolatile Static RAM
logo
ON Semiconductor
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com