Electronic Components Datasheet Search
  English  ▼

X  

X25043PI Datasheet(PDF) 11 Page - Xicor Inc.

Part # X25043PI
Description  Programmable Watchdog Supervisory E2PROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25043PI Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X25043PI Datasheet HTML 7Page - Xicor Inc. X25043PI Datasheet HTML 8Page - Xicor Inc. X25043PI Datasheet HTML 9Page - Xicor Inc. X25043PI Datasheet HTML 10Page - Xicor Inc. X25043PI Datasheet HTML 11Page - Xicor Inc. X25043PI Datasheet HTML 12Page - Xicor Inc. X25043PI Datasheet HTML 13Page - Xicor Inc. X25043PI Datasheet HTML 14Page - Xicor Inc. X25043PI Datasheet HTML 15Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
X25043/45
11
Power-Up and Power-Down Timing
Symbol
Parameter
Min.
Typ.
Max.
Units
tWDO
Watchdog Timeout Period,
WD1=1,WD0=0
100
200
300
ms
WD1=0,WD0=1
450
600
800
ms
WD1=0,WD0=0
1
1.4
2
sec
tCST
CS Pulse Width to Reset the Watchdog
400
ns
tRST
Reset Timeout
100
400
ms
3844 PGM T15.3
CS vs RESET/RESET Timing
Notes: (5) This parameter is periodically sampled and not 100% tested.
RESET Output Timing
Symbol
Parameter
Min.
Typ.
Max.
Units
VTRIP
Reset Trip Point Voltage, 5V Device
4.25
4.5
V
Reset Trip Point Voltage, 2.7V Device
2.55
2.7
V
tPURST
Power-up Reset Timeout
100
400
ms
tRPD(5)
VCC Detect to Reset/Output
500
ns
tF(5)
VCC Fall Time
10
µs
tR(5)
VCC Rise Time
0
ns
VRVALID
Reset Valid VCC
1V
3844 PGM T14.3
RESET/RESET Output Timing
VCC
3844 FHD F13.1
t
PURST
t
PURST
t
R
t
F
t
RPD
RESET (X25043)
0 Volts
VTRIP
VTRIP
RESET (X25045)
CS
3844 FHD F14.1
t
CST
RESET
t
WDO
t
RST
RESET
t
WDO
t
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com