Electronic Components Datasheet Search
  English  ▼

X  

SS6640-ACSTB Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6640-ACSTB
Description  Low Voltage Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6640-ACSTB Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6640-ACSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6640-ACSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6640-ACSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6640-ACSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6640-ACSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6640-ACSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6640-ACSTB Datasheet HTML 9Page - Silicon Standard Corp. SS6640-ACSTB Datasheet HTML 10Page - Silicon Standard Corp. SS6640-ACSTB Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.SiliconStandard.com
7 of 12
SS6640

!"
TYPICAL PERFORMANCE CHARACTERISTICS *































 
7/5&  6'("+/,,8!663$%9 %,-%."!.%
%,-%."!.%:°<

 

  



































  6 ""* ##!+01$"#'! #
1$"#'! #° 
 

 






























  6#00&!'1#-0#/,#.!&$.#
#/,#.!&$.#(°+
 
!
!!
 


!"
BLOCK DIAGRAM






   


 !"#
$



Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com