Electronic Components Datasheet Search
  English  ▼

X  

X25C02 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X25C02
Description  SPI Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25C02 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X25C02 Datasheet HTML 3Page - Xicor Inc. X25C02 Datasheet HTML 4Page - Xicor Inc. X25C02 Datasheet HTML 5Page - Xicor Inc. X25C02 Datasheet HTML 6Page - Xicor Inc. X25C02 Datasheet HTML 7Page - Xicor Inc. X25C02 Datasheet HTML 8Page - Xicor Inc. X25C02 Datasheet HTML 9Page - Xicor Inc. X25C02 Datasheet HTML 10Page - Xicor Inc. X25C02 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
X25C02
7
Supply Voltage
Limits
X25C02
5V
±10%
3843 PGM T04.1
Notes:
(1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3843 PGM T03.1
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
listed in the operational sections of this specification is
not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with Respect to VSS ......... –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
POWER-UP TIMING
Symbol
Parameter
Min.
Max.
Units
tPUR(1)
Power-up to Read Operation
1
ms
tPUW(1)
Power-up to Write Operation
5
ms
3843 PGM T09
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V.
Symbol
Test
Max.
Units
Conditions
COUT(2)
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN(2)
Input Capacitance (SCK, SI,
CS, WP, HOLD)6
pF
VIN = 0V
3843 PGM T06.1
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC
VCC Supply Current (Active)
2
mA
SCK = VCC x 0.1/VCC x 0.9 @ 1MHz,
SO = Open
ISB
VCC Supply Current (Standby)
150
µA
CS = VCC, VIN = VSS or VCC – 0.3V
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC
VIL(1)
Input LOW Voltage
–1
VCC x 0.3
V
VIH(1) Input HIGH Voltage
VCC x 0.7 VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 2mA
VOH
Output HIGH Voltage
VCC–0.8
V
IOH = –1mA
3843 PGM T05.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com