Electronic Components Datasheet Search
  English  ▼

X  

SS6660 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6660
Description  Switched-Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6660 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6660 Datasheet HTML 1Page - Silicon Standard Corp. SS6660 Datasheet HTML 2Page - Silicon Standard Corp. SS6660 Datasheet HTML 3Page - Silicon Standard Corp. SS6660 Datasheet HTML 4Page - Silicon Standard Corp. SS6660 Datasheet HTML 5Page - Silicon Standard Corp. SS6660 Datasheet HTML 6Page - Silicon Standard Corp. SS6660 Datasheet HTML 7Page - Silicon Standard Corp. SS6660 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.SiliconStandard.com
5 of 8
SS6660


BLOCK DIAGRAM
÷


'(




7(
#.*
.#
*8 #
.
#9 :
.#
#2#
$2# #






PIN DESCRIPTIONS
2 %$F 6),1 (    
<      <  

2 %8F *.2+ , <   1 
 1 0
2 %F B% ,B
2 %=F *.2, ,<10
  0
2 %F C ,%0

09
    $#µ7

2 %"F 
, <91<
B%701
9< 0
2 %!F )* , 1 (    
<<1 
'   1 )*
  1   <
,<'>
2 %4F  %
, 
Rev.2.02 1/29/2004



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com