Electronic Components Datasheet Search
  English  ▼

X  

SS6680 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6680
Description  Ultra Low Power Voltage Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6680 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6680 Datasheet HTML 1Page - Silicon Standard Corp. SS6680 Datasheet HTML 2Page - Silicon Standard Corp. SS6680 Datasheet HTML 3Page - Silicon Standard Corp. SS6680 Datasheet HTML 4Page - Silicon Standard Corp. SS6680 Datasheet HTML 5Page - Silicon Standard Corp. SS6680 Datasheet HTML 6Page - Silicon Standard Corp. SS6680 Datasheet HTML 7Page - Silicon Standard Corp. SS6680 Datasheet HTML 8Page - Silicon Standard Corp. SS6680 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.SiliconStandard.com
3 of 10
SS6680

!"
ELECTRICAL CHARACTERISTICS °°°°
 ! "##!
#$  $ $%"&
" 
%
" '
( 


4>

(

+!!0%'

6

>

' 
?(
?6
?@
?$
?

>
4
6
5
6(


(
(>
@5
µ&





   
?.?(@
?.?6$
?.?@$
?.?$
:-!;
6(@
5
>>@
@@
7&
   
?(.?@ :/!;
6
7&
+7 ##
A
7B°
  '+7
+ 
(
µ


!"
TYPICAL PERFORMANCE CHARACTERISTICS











°
     
 


Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com