Electronic Components Datasheet Search
  English  ▼

X  

X25F016 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X25F016
Description  SerialFlash??Memory With Block LockTM Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F016 Datasheet(HTML) 5 Page - Xicor Inc.

  X25F016 Datasheet HTML 1Page - Xicor Inc. X25F016 Datasheet HTML 2Page - Xicor Inc. X25F016 Datasheet HTML 3Page - Xicor Inc. X25F016 Datasheet HTML 4Page - Xicor Inc. X25F016 Datasheet HTML 5Page - Xicor Inc. X25F016 Datasheet HTML 6Page - Xicor Inc. X25F016 Datasheet HTML 7Page - Xicor Inc. X25F016 Datasheet HTML 8Page - Xicor Inc. X25F016 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
X25F064/032/016/008
5
Figure 1. Read SerialFlash Memory Array Operation Sequence
Operational Notes
The device powers-up in the following state:
• The device is in the low power standby state.
• A HIGH to LOW transition on
CS is required to
enter an active state and receive an instruction.
• SO pin is high impedance.
• The program enable latch is reset.
Data Protection
The following circuitry has been included to prevent
inadvertent programming:
• The program enable latch is reset upon power-up.
• A program enable instruction must be issued to set
the program enable latch.
•
CS must come HIGH at the proper clock count in
order to start a program cycle.
Figure 2. Read Status Register Operation Sequence
0123456789
10
20 21 22 23 24 25 26 27 28 29 30
76543210
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
16 BIT ADDRESS
15 14 13
3210
6685 ILL F03
0123456789
10
11
12 13 14
76543210
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
6685 ILL F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com