Electronic Components Datasheet Search
  English  ▼

X  

SS6734G Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6734G
Description  300mA Low Dropout Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6734G Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6734G Datasheet HTML 1Page - Silicon Standard Corp. SS6734G Datasheet HTML 2Page - Silicon Standard Corp. SS6734G Datasheet HTML 3Page - Silicon Standard Corp. SS6734G Datasheet HTML 4Page - Silicon Standard Corp. SS6734G Datasheet HTML 5Page - Silicon Standard Corp. SS6734G Datasheet HTML 6Page - Silicon Standard Corp. SS6734G Datasheet HTML 7Page - Silicon Standard Corp. SS6734G Datasheet HTML 8Page - Silicon Standard Corp. SS6734G Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.SiliconStandard.com
5 of 9
SS6734G
1/15/2005 Rev.2.10
TYPICAL PERFORMANCE CHARACTERISTICS
5.00
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
Fig. 1
VOUT vs. Temperature
Temperature (°C)
-50
-30
-10
10
30
50
70
90
SS6734-52
Fig. 2
VOUT vs. Temperature
-50
-30
-10
10
30
50
70
90
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
Temperature (°C)
SS6734-33
Fig. 3
Ground Current vs. Temperature
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
38
40
42
44
46
48
50
ILOAD= 0mA
ILOAD=100mA
ILOAD=300mA
Temperature (°C)
SS6734-52
Fig. 4
Ground Current vs. Temperature
Temperature (°C)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
38
40
42
44
46
48
ILOAD= 0mA
ILOAD=100mA
ILOAD=300mA
SS6734-33
Fig. 5
Ground Current vs. VIN
VIN (V)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
10
20
30
40
50
60
SS6734-52
Fig. 6
Ground Current vs. VIN
VIN (V)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
10
20
30
40
50
60
SS6734-33



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com