Electronic Components Datasheet Search
  English  ▼

X  

SS6735-20GETR Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS6735-20GETR
Description  500mA Low Dropout Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6735-20GETR Datasheet(HTML) 8 Page - Silicon Standard Corp.

  SS6735-20GETR Datasheet HTML 1Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 2Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 3Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 4Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 5Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 6Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 7Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 8Page - Silicon Standard Corp. SS6735-20GETR Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.SiliconStandard.com
8 of 9
SS6735G
1/15/2005 Rev.2.10
PHYSICAL DIMENSIONS
(unit: mm)
All package options are Pb-free, RoHS compliant.
SOT-23
0°
0.90
0.30
1.50
2.60
2.80
0.08
0.30
0.05
e
θ
L1
L
e1
c
E
E1
D
b
A2
A1
0.95 BSC
8°
0.60
1.90 BSC
0.60 REF
1.30
1.70
3.00
3.00
0.22
0.50
0.15
0.95
MIN.
S
Y
M
B
O
L
A
1.45
MAX.
SOT-23
MILLIMETERS
b
WITH PLATING
L
SEATING PLANE
GAUGE PLANE
SECTION A-A
BASE METAL
e1
e
D
AA
SEE VIEW B
L1
VIEW B
MILLIMETERS
TO-252-3L
MAX.
2.38
A
S
Y
M
B
O
L
MIN.
2.19
0.13
5.46
0.61
0.89
6.22
6.73
0.89
2.67 REF
0.51 BSC
10.41
1.78
2.03
1.02
2.28 BSC
A1
b
b3
c2
E
D
c
H
L
L1
L2
L4
L3
e
0.00
4.95
0.46
0.46
5.33
6.35
9.40
1.40
0.89
--
0.64
c2
SEE VIEW B
A
b3
A
A
e
E
BASE METAL
WITH PLATING
b
SECTION A-A
TO-252
0°
8°
θ
SEATING PLANE
VIEW B
L
L1
GAUGE PLANE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com