Electronic Components Datasheet Search
  English  ▼

X  

X28C64 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X28C64
Description  5 Volt, Byte Alterable E2PROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C64 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X28C64 Datasheet HTML 2Page - Xicor Inc. X28C64 Datasheet HTML 3Page - Xicor Inc. X28C64 Datasheet HTML 4Page - Xicor Inc. X28C64 Datasheet HTML 5Page - Xicor Inc. X28C64 Datasheet HTML 6Page - Xicor Inc. X28C64 Datasheet HTML 7Page - Xicor Inc. X28C64 Datasheet HTML 8Page - Xicor Inc. X28C64 Datasheet HTML 9Page - Xicor Inc. X28C64 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
X28C64
HARDWARE DATA PROTECTION
The X28C64 provides three hardware features (com-
patible with X2864A) that protect nonvolatile data from
inadvertent writes.
• Noise Protection—A WE pulse typically less than
20ns will not initiate a write cycle.
• Default VCC Sense—All write functions are inhibited
when VCC is
≤3V typically.
• Write Inhibit—Holding either OE LOW, WE HIGH, or
CE HIGH will prevent an inadvertent write cycle during
power-up and power-down, maintaining data integrity.
SOFTWARE DATA PROTECTION
The X28C64 offers a software controlled data protection
feature. The X28C64 is shipped from Xicor with the
software data protection NOT ENABLED; that is, the
device will be in the standard operating mode. In this
mode data should be protected during power-up/-down
operations through the use of external circuits. The host
would then have open read and write access of the
device once VCC was stable.
The X28C64 can be automatically protected during
power-up and power-down without the need for external
circuits by employing the software data protection fea-
ture. The internal software data protection circuit is
enabled after the first write operation utilizing the soft-
ware algorithm. This circuit is nonvolatile and will remain
set for the life of the device unless the reset command
is issued.
Once the software protection is enabled, the X28C64 is
also protected from inadvertent and accidental writes in
the powered-on state. That is, the software algorithm
must be issued prior to writing additional data to the
device.
SOFTWARE ALGORITHM
Selecting the software data protection mode requires
the host system to precede data write operations by a
series of three write operations to three specific ad-
dresses. Refer to Figure 6 and 7 for the sequence. The
three-byte sequence opens the page write window
enabling the host to write from one to sixty-four bytes of
data*. Once the page load cycle has been completed,
the device will automatically be returned to the data
protected state.
Note: *Once the three-byte sequence is issued it must be
followed by a valid byte or page write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com