Electronic Components Datasheet Search
  English  ▼

X  

SS6781ACSTR Datasheet(PDF) 14 Page - Silicon Standard Corp.

Part # SS6781ACSTR
Description  Battery Charger Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781ACSTR Datasheet(HTML) 14 Page - Silicon Standard Corp.

Back Button SS6781ACSTR Datasheet HTML 10Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 11Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 12Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 13Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 14Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 15Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 16Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 17Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 18Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.SiliconStandard.com
14 of 18
SS6781A(G)
1/11/2005 Rev.2.10
Procedure
(a) First, determine the temperature protection
limits TH and TL. Then, substitute TH & TL into
the following equation:
TL
TH
0.43V
TL
TH
0.29V
0.72V
T
V
CC
CC
CC
BASE
TS
=
=
(b) Determine the safety timer to obtain the value of
∆t
BASE .
.)
(min
Timer
Safety
.)
(min
80
56(sec.)
=
(sec.)
tBASE
×
(c) Determine the expected slope of ∆
T / t at
which temperature rises y
°C in x seconds and
fast charge is subsequently cut off.
T
t
y
x
=
(d) Calculate the value of VADJ
BASE
BASE
TS
ADJ
t
t
T
T
V
30
V
×
×
×
=
Example
(a) Let TH=50
°C, TL=0°C, VCC =5V. We have
V
T
0.43
5
50
0
0.043V/ C
TS
BASE
=
×
=
°
which means that VTS decreases 43mV as
temperature rises 1
°C.
(b) If safety timer is equal to 80 minutes,
∆tBASE is
then 56 seconds.
(c) If fast charge should be terminated when
temperature rises 1
°C in 60 seconds, then
0.0166
60
1
=
t
T/
=
(d) VADJ =30 x 0.043x 0.0166 x 56 = 1.2(V)
If the temperature range is from 0
°C to 50°C,
the voltage of VADJ under different setting
conditions should be set as tabulated below.
TABLE 6
ADJ pin Voltage (TL=0
°C, TH=50°C)
T / t
S.T.
0.75
(
°C/min.)
1.0
(
°C/min.)
1.25
(
°C/min.)
40 min. (2C)
0.45
0.60
0.75
80 min. (1C)
0.90
1.20
1.50
120 min. (0.67C)
1.35
1.80
2.25
160 min. (0.5C)
1.80
2.40
3.01
200 min. (0.4C)
2.25
3.01
3.76
240 min. (0.33C)
2.70
3.61
4.51
A similar table for temperature range from 0
°C to
60
°C is as below.
TABLE 7
ADJ Pin Voltage (TL=0
°C, TH=60°C)
T / t
S.T.
0.75
(
°C/min.)
1.0
(
°C/min.)
1.25
(
°C/min.)
40 min. (2C)
0.37
0.50
0.62
80 min. (1C)
0.75
1.00
1.25
120 min. (0.67C)
1.12
1.50
1.88
160 min. (0.5C)
1.50
2.00
2.50
200 min. (0.4C)
1.88
2.50
3.13
240 min. (0.33C)
2.25
3.01
3.76
VBT Range and Temperature Protection
The acceptable voltage range of VBT pin and
mode
of
temperature
protection
function
is
determined by the voltage of SEL3 pin, shown as
the following:
(a)
SEL3 > VCC - 0.3V
Acceptable VBT Range:
Before initial timer: 0.16V~2.7V
After initial timer: 0.69V~2.7V
Temperature Protection Mode:
Entering
charge-suspending
mode
when
temperature is either too low or too high,
same as abnormal battery voltage. Latch for
charge-suspending function is provided for
high temperature protection, but not for low
temperature protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com