Electronic Components Datasheet Search
  English  ▼

X  

SS6783A Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6783A
Description  Battery Charge Controller for Low Power Charging
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6783A Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6783A Datasheet HTML 1Page - Silicon Standard Corp. SS6783A Datasheet HTML 2Page - Silicon Standard Corp. SS6783A Datasheet HTML 3Page - Silicon Standard Corp. SS6783A Datasheet HTML 4Page - Silicon Standard Corp. SS6783A Datasheet HTML 5Page - Silicon Standard Corp. SS6783A Datasheet HTML 6Page - Silicon Standard Corp. SS6783A Datasheet HTML 7Page - Silicon Standard Corp. SS6783A Datasheet HTML 8Page - Silicon Standard Corp. SS6783A Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.SiliconStandard.com
3 of 12
SS6783A(G)
1/11/2005 Rev.2.10
ELECTRICAL CHARACTERISTICS
(TA=25°C, VCC=5V, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Current
ICC
1.1
mA
Battery Low
During Initial Timer
After Initial Timer
0.11
0.63
0.16
0.69
0.21
0.75
Voltage Protection Limit
Battery High
VBT
2.6
2.7
2.80
V
LED, ICON Pins
Output Impedance
ON
OFF
1
25
50
Ω
M
Ω
MODE pin
300
k
Ω
Input Impedance
VBT pin
1
M
Ω
Recommended
External Resistor of
TIMER pin
RTIMER
2
100
1000
k
Ω
−∆V Detection accuracy VBT=2V
-0.15
-0.25
-0.35
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com