Electronic Components Datasheet Search
  English  ▼

X  

X28HT010 Datasheet(PDF) 12 Page - Xicor Inc.

Part # X28HT010
Description  High Temperature, 5 Volt, Byte Alterable E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HT010 Datasheet(HTML) 12 Page - Xicor Inc.

Back Button X28HT010 Datasheet HTML 5Page - Xicor Inc. X28HT010 Datasheet HTML 6Page - Xicor Inc. X28HT010 Datasheet HTML 7Page - Xicor Inc. X28HT010 Datasheet HTML 8Page - Xicor Inc. X28HT010 Datasheet HTML 9Page - Xicor Inc. X28HT010 Datasheet HTML 10Page - Xicor Inc. X28HT010 Datasheet HTML 11Page - Xicor Inc. X28HT010 Datasheet HTML 12Page - Xicor Inc. X28HT010 Datasheet HTML 13Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
X28HT010
PACKAGING INFORMATION
32-LEAD CERAMIC SMALL OUTLINE GULL WING PACKAGE TYPE R
3926 FHD F27
NOTES:
1. ALL DIMENSIONS IN INCHES
2. FORMED LEAD SHALL BE PLANAR WITH RESPECT TO ONE ANOTHER WITHIN 0.004 INCHES
0.340
±0.007
SEE DETAIL “A”
FOR LEAD
INFORMATION
0.440 MAX.
0.560 NOM.
0.0192
0.0138
0.050
0.750
±0.005
0.840
MAX.
0.060 NOM.
0.020 MIN.
0.015 R TYP.
0.035 MIN.
0.015 R
TYP.
0.035 TYP.
0.165 TYP.
DETAIL “A”
0.560"
TYPICAL
0.050"
TYPICAL
0.050"
TYPICAL
FOOTPRINT
0.030" TYPICAL
32 PLACES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com