Electronic Components Datasheet Search
  English  ▼

X  

X28HT512 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X28HT512
Description  High Temperature, 5 Volt, Byte Alterable E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HT512 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X28HT512 Datasheet HTML 2Page - Xicor Inc. X28HT512 Datasheet HTML 3Page - Xicor Inc. X28HT512 Datasheet HTML 4Page - Xicor Inc. X28HT512 Datasheet HTML 5Page - Xicor Inc. X28HT512 Datasheet HTML 6Page - Xicor Inc. X28HT512 Datasheet HTML 7Page - Xicor Inc. X28HT512 Datasheet HTML 8Page - Xicor Inc. X28HT512 Datasheet HTML 9Page - Xicor Inc. X28HT512 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
X28HT512
A.C. CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.)
Read Cycle
Notes: (3) tLZ min., tHZ, tOLZ min., and tOHZ are periodically sampled and not 100% tested. tHZ max. and tOHZ max. are measured, with
CL = 5pF from the point when CE or OE return HIGH (whichever occurs first) to the time when the outputs are no longer driven.
Read Cycle Limits
X28HT512-20 X28HT512-25
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRC
Read Cycle Time
200
250
ns
tCE
Chip Enable Access Time
200
250
ns
tAA
Address Access Time
200
250
ns
tOE
Output Enable Access Time
80
80
ns
tLZ(3)
CE LOW to Active Output
0
0
ns
tOLZ(3)
OE LOW to Active Output
0
0
ns
tHZ(3)
CE HIGH to High Z Output
80
80
ns
tOHZ(3)
OE HIGH to High Z Output
80
80
ns
tOH
Output Hold from Address Change
0
0
ns
6614 PGM T09.1
6614 FHD F05
tCE
tRC
ADDRESS
CE
OE
WE
DATA VALID
DATA VALID
tOE
tLZ
tOLZ
tOH
tAA
tHZ
tOHZ
DATA I/O
VIH
HIGH Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com