Electronic Components Datasheet Search
  English  ▼

X  

SS7500 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS7500
Description  Multi-mode SCSI Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7500 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS7500 Datasheet HTML 1Page - Silicon Standard Corp. SS7500 Datasheet HTML 2Page - Silicon Standard Corp. SS7500 Datasheet HTML 3Page - Silicon Standard Corp. SS7500 Datasheet HTML 4Page - Silicon Standard Corp. SS7500 Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.SiliconStandard.com
3 of 5
SS7500
DC CHARACTERISTICS:
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TPWR Current
Itpwr
35
mA
Input Leakage Current
High
Iih
0
uA
Input Leakage Current
Low
Iil
1.0
uA
Output Current High
Vout = 2.4 V
Ioh
0
mA
Output Current Low
Vout = 0.4V
Iol
4.0
mA
DIFFSEN Output Voltage
Vov
1.2
1.4
V
DIFFSEN Source Current
Isc
5
15
mA
DIFFSEN Sink Current
Isi
20
200
uA
DIFFSEN SE Voltage
Range
Vse
-0.3
0.5
V
DIFFSEN LVD Voltage
Range
Vlvd
0.7
1.9
V
DIFFSEN HVD Voltage
Range
Vhvd
2.4
Vtpwr+0.3 V
Operating Temperature
Ta
0
70
℃
Single Ended Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
SE Termination Resistance Rse
104.5
110
115.5
Ω
SE Voltage Reference
Vref
2.70
3.00
V
SE Output Current
Ioc
25.4
mA
LVD Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Differential Mode
Termination Resistance
Rd
100
110
Ω
Common Mode
Termination Resistance
Rc
110
226
300
Ω
Differential Mode Bias
All lines open
Vdb
100
125
mV
Common Mode Bias
Vcb
1.125
1.375
V
REGULATOR Characteristics
(0℃
℃
℃
℃
to 70℃
℃
℃
℃
)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Source Current
Isour
200
230
Vout=0.2v
mA
Sink Current
Isink
100
200
mA
NOTE: Unless otherwise specified, these specifications apply over the operating ambient
temperature range from 0℃
℃
℃
℃
to 70℃
℃
℃
℃
.
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com