Electronic Components Datasheet Search
  English  ▼

X  

X28VC256 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X28VC256
Description  5 Volt, Byte Alterable E2PROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28VC256 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X28VC256 Datasheet HTML 9Page - Xicor Inc. X28VC256 Datasheet HTML 10Page - Xicor Inc. X28VC256 Datasheet HTML 11Page - Xicor Inc. X28VC256 Datasheet HTML 12Page - Xicor Inc. X28VC256 Datasheet HTML 13Page - Xicor Inc. X28VC256 Datasheet HTML 14Page - Xicor Inc. X28VC256 Datasheet HTML 15Page - Xicor Inc. X28VC256 Datasheet HTML 16Page - Xicor Inc. X28VC256 Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
X28VC256
13
Write Cycle Limits
Symbol
Parameter
Min.
Typ.(5)
Max.
Units
tWC(6)
Write Cycle Time
3
5
ms
tAS
Address Setup Time
0
ns
tAH
Address Hold Time
50
ns
tCS
Write Setup Time
0
ns
tCH
Write Hold Time
0
ns
tCW
CE Pulse Width
50
ns
tOES
OE HIGH Setup Time
0
ns
tOEH
OE HIGH Hold Time
0
ns
tWP
WE Pulse Width
50
ns
tWPH(7)
WE HIGH Recovery (page write only)
50
ns
tDV
Data Valid
1
µs
tDS
Data Setup
50
ns
tDH
Data Hold
0
ns
tDW(7)
Delay to Next Write after Polling is True
10
µs
tBLC
Byte Load Cycle
0.150
100
µs
3869 PGM T11.2
WE Controlled Write Cycle
3869 FHD F06
Notes: (5) Typical values are for TA = 25°C and nominal supply voltage.
(6) tWC is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum
time the device requires to automatically complete the internal write operation.
(7) tWPH and tDW are periodically sampled and not 100% tested.
ADDRESS
tAS
tWC
tAH
tOES
tDS
tDH
tOEH
CE
WE
OE
DATA IN
DATA OUT
HIGH Z
DATA VALID
tCS
tCH
tWP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com