Electronic Components Datasheet Search
  English  ▼

X  

SS8000GQTY Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS8000GQTY
Description  GSM Power-Management System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8000GQTY Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS8000GQTY Datasheet HTML 6Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 7Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 8Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 9Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 10Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 11Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 12Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 13Page - Silicon Standard Corp. SS8000GQTY Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.SiliconStandard.com
11 of 14
SS8000G
APPLICATION INFORMATION (cont.)
Figure 3. Typical Application Circuit
SIM Pin of
GSM Processor
Battery Used
Battery Detect
Va Selection
Vm Selection
Vcore
DGND
C17
4.7µF
Charger In
Q1
D1
Charge Control
Charger Detect
R1
0.2
Ω
LI or NiMH
BATTERY
DGND
DGND
AGND
Vsim
Vsim Enable
Vsim Slectioin
I/O To SIM Card
RST To SIM Card
CLK To SIM Card
C2
1µF
PGND
1
2
3
4
5
6
7
8
9
10
11
12
CHRIN
GATEDRV
NC
ISENSE
CHRCNTL
CHRDET
BATSNS
VSIM
SIMIO
SIMRST
SIMCLK
SIMVCC
LEDEN
ALERTEREN
VIBRATOREN
PWRBB
PWRKEY
SRCLKEN
VREF
NC
AGND
VA
AVBAT
VTCXO
36
35
34
33
32
31
30
29
28
27
26
25
PGND
R4
100K
LED SW
Alerter SW
Vibrator SW
LED SW Enable
Alerter SW Enable
Power On
CLK ON
SWI
SW-PB
DGND
C16
1µF
C15
10µF
C13
1µF
C12
0.1µF
C11
0.22µF
DGND
C4
1µF
C3
4.7µF
DGND
1µF
AGND
10µF
AGND
SIM Pin of
GSM Processor
Battery Used
Battery Detect
Va Selection
Vm Selection
Vcore
DGND
C17
4.7µF
Charger In
Q1
D1
Charge Control
Charger Detect
R1
0.2
Ω
LI or NiMH
BATTERY
DGND
DGND
AGND
Vsim
Vsim Enable
Vsim Slectioin
I/O To SIM Card
RST To SIM Card
CLK To SIM Card
C2
1µF
PGND
1
2
3
4
5
6
7
8
9
10
11
12
CHRIN
GATEDRV
NC
ISENSE
CHRCNTL
CHRDET
BATSNS
VSIM
SIMIO
SIMRST
SIMCLK
SIMVCC
CHRIN
GATEDRV
NC
ISENSE
CHRCNTL
CHRDET
BATSNS
VSIM
SIMIO
SIMRST
SIMCLK
SIMVCC
LEDEN
ALERTEREN
VIBRATOREN
PWRBB
PWRKEY
SRCLKEN
VREF
NC
AGND
VA
AVBAT
VTCXO
36
35
34
33
32
31
30
29
28
27
26
25
PGND
R4
100K
LED SW
Alerter SW
Vibrator SW
LED SW Enable
Alerter SW Enable
Power On
CLK ON
SWI
SW-PB
DGND
C16
1µF
C15
10µF
C13
1µF
C12
0.1µF
C11
0.22µF
DGND
C4
1µF
C3
4.7µF
DGND
1µF
AGND
10µF
AGND
12/06/2004 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com