Electronic Components Datasheet Search
  English  ▼

X  

SS8018TR Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS8018TR
Description  짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8018TR Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS8018TR Datasheet HTML 6Page - Silicon Standard Corp. SS8018TR Datasheet HTML 7Page - Silicon Standard Corp. SS8018TR Datasheet HTML 8Page - Silicon Standard Corp. SS8018TR Datasheet HTML 9Page - Silicon Standard Corp. SS8018TR Datasheet HTML 10Page - Silicon Standard Corp. SS8018TR Datasheet HTML 11Page - Silicon Standard Corp. SS8018TR Datasheet HTML 12Page - Silicon Standard Corp. SS8018TR Datasheet HTML 13Page - Silicon Standard Corp. SS8018TR Datasheet HTML 14Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.SiliconStandard.com
11 of 14
SS8018
Table 6. Configuration-Byte Bit Assignments
BIT
NAME
POR STATE
FUNCTION
7 (MSB)
MASK
0
Masks all ALERT interrupts when high.
6
RUN /
STOP
0
Standby mode control bit. If high, the device immediately stops converting and en-
ters standby mode. If low, the device converts in either one-shot or timer mode.
5-0
RFU
0
Reserved for future use
Table 7. Status-Byte Bit Assignments
BIT
NAME
FUNCTION
7 (MSB)
BUSY
A high indicates that the ADC is busy converting.
6
LHIGH*
A high indicates that the local high-temperature alarm has activated.
5
LLOW*
A high indicates that the local low-temperature alarm has activated.
4
RHIGH*
A high indicates that the remote high-temperature alarm has activated.
3
RLOW*
A high indicates that the remote low-temperature alarm has activated.
2
OPEN*
A high indicates a remote-diode continuity (open-circuit) fault.
1
RTHRM
A high indicates a remote temperature THERM alarm has activated.
0 (LSB)
LTHRM
A high indicates a local temperature THERM alarm has activated.
*These flags stay high until cleared by POR, or until the status byte register is read.
Table 8. Conversion-Rate Control Byte
DATA
CONVERSION RATE (Hz)
00h
0.0625
01h
0.125
02h
0.25
03h
0.5
04h
1
05h
2
06h
4
07h
8
08h
16
09h to FFh
RFU
To check for internal bus collisions, read the status byte.
If the least significant seven bits are ones, discard the
data and read the status byte again. The status bits
LHIGH, LLOW, RHIGH, and RLOW are refreshed on the
SMBus clock edge immediately following the stop condi-
tion, so there is no danger of losing temperature-related
status data as a result of an internal bus collision. The
OPEN status bit (diode continuity fault) is only refreshed
at the beginning of a conversion, so OPEN data is lost.
The ALERT interrupt latch is independent of the status
byte register, so no false alerts are generated by an in-
ternal bus collision.
When auto-converting, if the THIGH and TLOW limits
are close together, it’s possible for both high-temp and
low-temp status bits to be set, depending on the amount
of time between status read operations (especially when
converting at the fastest rate). In these circumstances,
it’s best not to rely on the status bits to indicate reversals
in long-term temperature changes and instead use a
current temperature reading to establish the trend direc-
tion.
For bit 1 and bit 0, a high indicates a temperature alarm
happened for remote and local diode respectively. The
THERM
pin also asserts. These two bits wouldn’t be
cleared when reading status byte.
Conversion Rate Byte
The conversion rate register (Table 8) programs the time
interval
between
conversions
in
free-running
auto-convert mode. This variable rate control reduces
the supply current in portable-equipment applications.
The conversion rate byte’s POR state is 08h (16Hz).
The SS8018 looks only at the 4 LSB bits of this register,
so the upper 4 bits are “don’t care” bits, which should be
set to zero. The conversion rate tolerance is
±25% at
any rate setting.
Valid A/D conversion results for both channels are
available one total conversion time (125ms,typical) after
initiating a conversion, whether conversion is initiated
via the RUN /STOP bit, one-shot command, or initial
power-up.
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com