Electronic Components Datasheet Search
  English  ▼

X  

SS8026 Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS8026
Description  1.8V 1A Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026 Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS8026 Datasheet HTML 4Page - Silicon Standard Corp. SS8026 Datasheet HTML 5Page - Silicon Standard Corp. SS8026 Datasheet HTML 6Page - Silicon Standard Corp. SS8026 Datasheet HTML 7Page - Silicon Standard Corp. SS8026 Datasheet HTML 8Page - Silicon Standard Corp. SS8026 Datasheet HTML 9Page - Silicon Standard Corp. SS8026 Datasheet HTML 10Page - Silicon Standard Corp. SS8026 Datasheet HTML 11Page - Silicon Standard Corp. SS8026 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.SiliconStandard.com
10 of 12
Rev.2.02 12/06/2003
SS8026
TO-252 (T4) Package
MILLIMETERS
INCHES
SYMBOL
MIN.
MAX.
MIN.
MAX.
A
2.19
2.38
0.086
0.094
A1
0.89
1.27
0.035
0.050
b
0.64
0.89
0.025
0.035
C
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.245
E
6.35
6.73
0.250
0.265
E1
5.21
5.46
0.205
0.215
e
2.26BSC
0.09BSC
e1
3.96
5.18
0.156
0.204
F
0.46
0.58
0.018
0.023
L1
0.89
2.03
0.035
0.080
L2
0.64
1.02
0.025
0.040
L3
2.40
2.80
0.095
0.110
H
9.40
10.40
0.370
0.410
θ
0°
4°
0°
4°
E1
L1
F
A
E
D
L2
b
e
L3
C
e1
H
A1
θ
E1
L1
F
A
E
D
L2
b
e
L3
C
e1
H
A1
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com