Electronic Components Datasheet Search
  English  ▼

X  

SS8021TR Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS8021TR
Description  Stereo Headphone Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8021TR Datasheet(HTML) 7 Page - Silicon Standard Corp.

  SS8021TR Datasheet HTML 1Page - Silicon Standard Corp. SS8021TR Datasheet HTML 2Page - Silicon Standard Corp. SS8021TR Datasheet HTML 3Page - Silicon Standard Corp. SS8021TR Datasheet HTML 4Page - Silicon Standard Corp. SS8021TR Datasheet HTML 5Page - Silicon Standard Corp. SS8021TR Datasheet HTML 6Page - Silicon Standard Corp. SS8021TR Datasheet HTML 7Page - Silicon Standard Corp. SS8021TR Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.SiliconStandard.com
7 of 8
SS8021
8/21/2004 Rev.2.01
ELECTRICAL CHARACTERISTICS (continued)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.5
3.5
4.5
5.5
6.5
Supply Voltage(V)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100
125
Temperature (°C)
VDD=5V
VDD=3V
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
2.5
3.5
4.5
5.5
6.5
Supply Voltage (V)
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
Temperature (°C)
VDD=3V
VDD=5V
0
50
100
150
200
250
300
350
00.511.5
2
2.5
3
VO-Vss(V)
Sinking Current vs. Vo-Vss
VDD=5V
VDD=3V
0
50
100
150
200
250
300
350
00.5
11.5
22.5
3
VDD - VO(V)
Sourcing Current vs. VDD-Vo
VDD=5V
VDD=3V
Supply Current vs.Supply Voltage
Supply Current vs. Temperature
Offset Voltage vs. Supply Voltage
Offset Voltage vs.Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com