Electronic Components Datasheet Search
  English  ▼

X  

SS8046 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8046
Description  3.3V 2A Low-Dropout Regulator with Disable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8046 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8046 Datasheet HTML 1Page - Silicon Standard Corp. SS8046 Datasheet HTML 2Page - Silicon Standard Corp. SS8046 Datasheet HTML 3Page - Silicon Standard Corp. SS8046 Datasheet HTML 4Page - Silicon Standard Corp. SS8046 Datasheet HTML 5Page - Silicon Standard Corp. SS8046 Datasheet HTML 6Page - Silicon Standard Corp. SS8046 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.SiliconStandard.com
1 of 7
SS8046
Rev.2.01 6/06/2003
3.3V 2A Low-Dropout Regulator with Disable
Features
Dropout-voltage 0.5V @ I O = 2A
Output current in excess of 2A
Output voltage accuracy ±2.5%
Quiescent current typically 5mA
Internal short-circuit current limit
Internal over-temperature protection
TO-220 4pin Full-Mold package
ON/OFF control
General Description
The SS8046 positive 3.3V voltage regulator features
the ability to source 2A of output current. The dropout
voltage is 0.5V at 2A output current. The typical qui-
escent current is 5mA. Furthermore, the quiescent
current is smaller when the regulator is in the dropout
mode (VIN < 3.3V).
Familiar regulator features such as over-temperature
and over-current protection circuits are provided to
prevent the device from being damaged by abnormal
operating conditions. A Vdis pin is provided to disable
the output when needed.
1
2
3
TO 220F-4
4
VIN VO GND V dis
V
IN
C1
4.7µF
IQ
V
OUT
I
O
C
OUT
47µF
Top View
ON/OFF
1
2
3
TO 220F-4
4
VIN VO GND V dis
V
IN
SS8046
C1
4.7µF
IQ
V
OUT
I
O
C
OUT
47µF
Top View
ON/OFF
Packing type
TB: Tubes
SS8046XX1TB
Ordering Information
Typical Application
Pin Configuration
Example: SS8046TF1TB
à SS8046 in TO 220F-4L (short lead) shipped in tubes
Package Type
TF : TO 220F-4L (short lead)
TH : TO 220F-4L (long lead)


Similar Part No. - SS8046

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8044 SSC-SS8044 Datasheet
188Kb / 5P
3.3V 600mA Low Dropout Regulator
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
2.5V 1A Positive Voltage Regulator
SS8047GT31TB SSC-SS8047GT31TB Datasheet
308Kb / 11P
2.5V 1A Positive Voltage Regulator
SS8047GT31TR SSC-SS8047GT31TR Datasheet
308Kb / 11P
2.5V 1A Positive Voltage Regulator
SS8047GT32TB SSC-SS8047GT32TB Datasheet
308Kb / 11P
2.5V 1A Positive Voltage Regulator
More results

Similar Description - SS8046

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9205 GMT-G9205 Datasheet
257Kb / 8P
5V 2A Low Dropout Regulator with Disable
G9125 GMT-G9125 Datasheet
234Kb / 9P
2.5V 1A Low Dropout Regulator with Disable
G9225 GMT-G9225 Datasheet
227Kb / 7P
2.5V 2A Low Dropout Regulator with Disable
G9233 GMT-G9233 Datasheet
297Kb / 8P
3.3V 2A LOW DROPOUT REGULATOR WITH DISABLE
G9133 GMT-G9133 Datasheet
232Kb / 8P
3.3V 1A Low Dropout Regulator with Disable
logo
Taiwan Semiconductor Co...
TS278R00 TSC-TS278R00 Datasheet
179Kb / 4P
2A Ultra Low Dropout Voltage Regulator w/Disable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS278RL00 TSC-TS278RL00 Datasheet
236Kb / 5P
2A Ultra Low Dropout Voltage Regulator w/Disable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com