Electronic Components Datasheet Search
  English  ▼

X  

X68257PI Datasheet(PDF) 13 Page - Xicor Inc.

Part # X68257PI
Description  E2 Micro-Peripheral
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X68257PI Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X68257PI Datasheet HTML 6Page - Xicor Inc. X68257PI Datasheet HTML 7Page - Xicor Inc. X68257PI Datasheet HTML 8Page - Xicor Inc. X68257PI Datasheet HTML 9Page - Xicor Inc. X68257PI Datasheet HTML 10Page - Xicor Inc. X68257PI Datasheet HTML 11Page - Xicor Inc. X68257PI Datasheet HTML 12Page - Xicor Inc. X68257PI Datasheet HTML 13Page - Xicor Inc. X68257PI Datasheet HTML 14Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
X68257
13
PACKAGING INFORMATION
0.021 (0.53)
0.013 (0.33)
0.420 (10.67)
0.050 (1.27) TYP.
TYP. 0.017 (0.43)
0.045 (1.14) x 45
°
0.300 (7.62)
REF.
0.453 (11.51)
0.447 (11.35)
TYP. 0.450 (11.43)
0.495 (12.57)
0.485 (12.32)
TYP. 0.490 (12.45)
PIN 1
0.400
(10.16)
REF.
0.553 (14.05)
0.547 (13.89)
TYP. 0.550 (13.97)
0.595 (15.11)
0.585 (14.86)
TYP. 0.590 (14.99)
3
° TYP.
0.048 (1.22)
0.042 (1.07)
0.140 (3.56)
0.100 (2.45)
TYP. 0.136 (3.45)
0.095 (2.41)
0.060 (1.52)
—
0.015 (0.38)
SEATING PLANE
±0.004 LEAD
CO – PLANARITY
3926 FHD F13
32-LEAD PLASTIC LEADED CHIP CARRIER PACKAGE TYPE J
NOTES:
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
2. DIMENSIONS WITH NO TOLERANCE FOR REFERENCE ONLY
0.510"
TYPICAL
0.050"
TYPICAL
0.050"
TYPICAL
0.300"
REF
FOOTPRINT
0.400"
0.410"
0.030" TYPICAL
32 PLACES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com