Electronic Components Datasheet Search
  English  ▼

X  

SS8218 Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS8218
Description  Ultra160 Multi-mode LVD/SE SCSI Terminator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8218 Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS8218 Datasheet HTML 3Page - Silicon Standard Corp. SS8218 Datasheet HTML 4Page - Silicon Standard Corp. SS8218 Datasheet HTML 5Page - Silicon Standard Corp. SS8218 Datasheet HTML 6Page - Silicon Standard Corp. SS8218 Datasheet HTML 7Page - Silicon Standard Corp. SS8218 Datasheet HTML 8Page - Silicon Standard Corp. SS8218 Datasheet HTML 9Page - Silicon Standard Corp. SS8218 Datasheet HTML 10Page - Silicon Standard Corp. SS8218 Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.SiliconStandard.com
9 of 11
SS8218
Rev.2.01 6/06/2003
Package Information (28 pin SSOP)
Dimension in mm
Dimension in inch
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
1.60
1.75
0.053
0.064
0.069
A1
0.10
-----
0.25
0.004
-----
0.010
A2
-----
1.45
-----
-----
0.057
-----
b
0.20
0.25
0.30
0.008
0.010
0.012
C
0.19
-----
0.25
0.007
-----
0.010
D
9.80
-----
10.00
0.386
-----
0.394
E
5.80
-----
6.20
0.228
-----
0.244
E1
3.80
-----
4.00
0.150
-----
0.157
e
-----
0.64
-----
-----
0.025
-----
L
0.40
-----
1.27
0.016
-----
0.050
y
-----
-----
0.10
-----
-----
0.004
θ
0º
-----
8º
0º
-----
8º
28
E1
E
D
1
e
b
A
A1
A2
C
1.00 REF
L
0.25
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com