Electronic Components Datasheet Search
  English  ▼

X  

SS8219G Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS8219G
Description  Ultra320 Multi-mode LVD/SE SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8219G Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS8219G Datasheet HTML 2Page - Silicon Standard Corp. SS8219G Datasheet HTML 3Page - Silicon Standard Corp. SS8219G Datasheet HTML 4Page - Silicon Standard Corp. SS8219G Datasheet HTML 5Page - Silicon Standard Corp. SS8219G Datasheet HTML 6Page - Silicon Standard Corp. SS8219G Datasheet HTML 7Page - Silicon Standard Corp. SS8219G Datasheet HTML 8Page - Silicon Standard Corp. SS8219G Datasheet HTML 9Page - Silicon Standard Corp. SS8219G Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.SiliconStandard.com
8 of 10
12/10/2005 Rev.3.01
SS8219G
PIN DESCRIPTION (for 28pin TSSOP)
PIN
SYMBOL
DESCRIPTION
1
VREF
Reference Voltage. 2.85-volt reference in SE mode and 1.25V in LVD mode; must be connected to
a 4.7µF capacitor.
2-5,7-12,
18-21, 23-26
Rx+, Rx-
Signal Termination. (X=1,2,3,…..9)
Rx+: Ground line for single-ended or positive line for differential applications for the SCSI bus.
Rx-: Signal line/active line for single-ended or negative line in differential applications for the
SCSI bus.
6,22
NC/ HS GND No Connect/Heat Sink Ground. Should be grounded for heat sinking purpose
13
DISCNCT
Disconnect. When pulled high, the SS8219G isolates its bus pins (Rx+, Rx-) from the SCSI bus.
14
GND
Ground. Terminator ground pin. Connected to ground.
15
M/S
Master/slave. Used to select which terminator is the controlling device. M/S pin high enables
the DIFFSENSE driver.
16
DIFFSENSE Output to drive the SCSI bus DIFFSENS line.
17
DIFFB
An input pin to detect the type of device (differential or single-ended) on the SCSI bus. The
DIFFB pin should be connected by a 0.1µF capacitor to GND and by a 20k
Ω resistor to the SCSI
bus DIFFSENS line.
27,28
TPWR
Terminator Power. Connect to the SCSI TERMPWR line and de-couple with a 2.2µF capacitor.
*The VREF keeps the level at 2.85 volts, whether the DISCNCT pin is asserted or not; even if the termination mode is changed.
PIN DESCRIPTION (for 36pin SSOP)
PIN
SYMBOL
DESCRIPTION
1
VREF*
Reference Voltage. 2.85-volt reference; must be connected to a 4.7µF capacitor.
2,3
NC
No Connect. Do not connect these pins.
4-7,11-16,
22-25,
29-32
Rx+
Rx-
Signal Termination. (X=1,2,3,…..9)
Rx+: Ground line for single-ended or positive line for differential applications for the SCSI bus.
Rx-: Signal line/active line for single-ended or negative line in differential applications for the SCSI bus.
8, 9,10,26,
27,28
HS/GND
Heat Sink Ground. Connect to large area PC board traces to increase power dissipation
capability.
17
DISCNCT
Disconnect. When pulled high, the SS8219G isolates its bus pins (Rx+, Rx-) from the SCSI bus.
18
GND
Ground. Terminator ground pin. Connected to ground.
19
M/S
Master/slave. Used to select which terminator is the controlling device. M/S pin high enables
the DIFFSENSE driver.
20
DIFFSENSE Output to drive the SCSI bus DIFFSENS line.
21
DIFFB
An input pin to detect the type of device (differential or single-ended) on the SCSI bus. The
DIFFB pin should be connected by a 0.1µF capacitor to GND and 20k
Ω resistor to the SCSI bus
DIFFSENS line.
33
SE
Single ended mode indicator. It is HIGH when terminator is operating in SE mode.
34
LVD
Low Voltage Differential mode indicator. It is HIGH when terminator is operating in LVD mode.
35
HVD
High Voltage Differential mode indicator. It is HIGH when terminator is operating in HVD mode
36
TPWR
Terminator Power. Connect to SCSI bus TERMPWR line and decouple with 2.2µF capacitor.
*The VREF keeps the level at 2.85 volts, whether the DISCNCT pin is asserted or not; even if the termination mode is changed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com