Electronic Components Datasheet Search
  English  ▼

X  

SS8219GDTR Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8219GDTR
Description  Ultra320 Multi-mode LVD/SE SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8219GDTR Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8219GDTR Datasheet HTML 1Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 2Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 3Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 4Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 5Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 6Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 7Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 8Page - Silicon Standard Corp. SS8219GDTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.SiliconStandard.com
1 of 10
SS8219G
12/06/2005 Rev.3.01
Ultra320 Multi-mode LVD/SE SCSI Terminator
PRODUCT SUMMARY
Auto-selectable single-ended or LVD termination
Meets SCSI-1, SCSI-2, SCSI-3 SPI Ultra (Fast-20),
Ultra 2 (SPI-2 LVD), Ultra160 (SPI-3 LVD)
and Ultra320 (SPI-4 LVD) standards
Supports active negation
Channel capacitance of 3pF
Operation from 2.9V to 5.5V
Thermal protection
Hot-swap compatible
Tolerance of 5% on termination resistance
Available in 28 pin TSSOP or 36 pin SSOP
APPLICATIONS
High performance data storage systems in servers,
workstations, high-end and industrial PCs, and RAID
disk arrays.
DESCRIPTION
The SS8219G multi-mode LVD/SE SCSI terminator
provides a smooth transition between modes of the
SCSI Parallel Interface. It automatically senses the bus
via DIFFSENS and switches the termination to either
single-ended (SE) or low voltage differential (LVD) SCSI,
based on which type of devices are connected to the bus.
If the SS8219G detects an HVD SCSI device, it switches
to a high impedance state.
A 16-bit wide SCSI bus requires three SS8219G for
termination.
This multi-mode terminator contains all the functions
to terminate, auto detect and switch modes for SCSI
Parallel Interface (SPI) bus architectures.
For SE termination, one regulator and nine precision 110
Ω
resistors are used.
For LVD termination, the SS8219G integrates 18 regulated
supplies with nine precision resistor strings.
PIN CONFIGURATION
R1-
R1+
R2-
NC/ HS GND
R3+
R3-
R4+
R4-
R5+
R5-
DISCNCT
GND
TPWR
R9-
R9+
R8+
R8-
R7-
R6-
R6+
DIFFB
DIFFSENSE
M/S
VREF
R2+
TPWR
R7+
1
2
3
4
28
27
26
25
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
R1-
R1+
R2-
NC/ HS GND
R3+
R3-
R4+
R4-
R5+
R5-
DISCNCT
GND
TPWR
R9-
R9+
R8+
R8-
R7-
R6-
R6+
DIFFB
DIFFSENSE
M/S
28 pin TSSOP
VREF
R2+
TPWR
R7+
1
2
3
4
28
27
26
25
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
NC/ HS GND
1
2
3
4
28
27
26
25
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
16
17
15
18
33
32
31
30
29
36
35
34
NC
NC
R1+
R1-
R2-
HS/GND
HS/GND
R3+
R3-
R4+
R4-
R5+
R5-
DISCNCT
GND
TPWR
HVD
LVD
SE
R9-
R9+
R8-
R8+
HS/GND
HS/GND
HS/GND
R7-
R7+
R6-
R6+
DIFFB
DIFFSENSE
M/S
VREF
R2+
HS/GND
36 pin SSOP
1
2
3
4
28
27
26
25
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
16
17
15
18
33
32
31
30
29
36
35
34
Pb-free, RoHS compliant.
SPI mode auto-detection/switching.
Pin/pin compatible with popular industry
standard parts DS2118/9 and UCC5672
FEATURES


Similar Part No. - SS8219GDTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8218-D3TB SSC-SS8218-D3TB Datasheet
626Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8218-D3TR SSC-SS8218-D3TR Datasheet
626Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8218-S4TB SSC-SS8218-S4TB Datasheet
626Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
SS8218-S4TR SSC-SS8218-S4TR Datasheet
626Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
More results

Similar Description - SS8219GDTR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
HP7501 ETC1-HP7501 Datasheet
209Kb / 9P
Ultra320 LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218B GMT-G218B Datasheet
188Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com