Electronic Components Datasheet Search
  English  ▼

X  

SSM03N70GP-H Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SSM03N70GP-H
Description  N-channel Enhancement-mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM03N70GP-H Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SSM03N70GP-H Datasheet HTML 1Page - Silicon Standard Corp. SSM03N70GP-H Datasheet HTML 2Page - Silicon Standard Corp. SSM03N70GP-H Datasheet HTML 3Page - Silicon Standard Corp. SSM03N70GP-H Datasheet HTML 4Page - Silicon Standard Corp. SSM03N70GP-H Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (at Tj = 25°C, unless otherwise specified)
Notes:
1.Pulse width must be limited to avoid exceeding the maximum junction temperature of 150°C.
2.Pulse width <300us, duty cycle <2%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-source breakdown voltage
VGS=0V, ID= 1mA
700
-
-
V
∆BV
DSS/
∆Tj
Breakdown voltage temperature coefficient
Reference to 25°C, ID=1mA
-
0.6
-
V/°C
RDS(ON)
Static drain-source on-resistance
VGS=10V, ID=1.6A
-
-
4.4
Ω
VGS(th)
Gate threshold voltage
VDS=VGS, ID=250uA
2
-
4
V
gfs
Forward transconductance
VDS=10V, ID=1.6A
-
2
-
S
IDSS
Drain-source leakage current
V
DS=600V, VGS=0V
-
-
10
uA
VDS=480V ,VGS=0V, Tj = 150°C
-
-
100
uA
IGSS
Gate-source leakage current
VGS=±30V
-
-
±100
nA
Qg
Total gate charge
2
ID=1A
-
12
20
nC
Qgs
Gate-source charge
VDS=480V
-
3
-
nC
Qgd
Gate-drain ("Miller") charge
VGS=10V
-
4
-
nC
td(on)
Turn-on delay time
2
VDS=300V
-
8.5
-
ns
tr
Rise time
ID=2.5A
-
6
-
ns
td(off)
Turn-off delay time
RG=10Ω , VGS=10V
-
19
-
ns
tf
Fall time
RD=120Ω
-
8
-
ns
Ciss
Input capacitance
VGS=0V
-
590
950
pF
Coss
Output capacitance
VDS=25V
-
50
-
pF
Crss
Reverse transfer capacitance
f=1.0MHz
-
6
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward voltage 2
IS= 2.5A, VGS=0V
-
-
1.5
V
trr
Reverse recovery time
Is=2.5A, VGS=0V,
-
407
-
ns
Q rr
Reverse recovery charge
dI/dt=100A/µs
-
2110
-
nC
www.SiliconStandard.com
2 of 5
SSM03N70GP-H
9/29/2006 Rev.3.1
Rg
Gate resistance
f=1.0MHz
-
3.4
5.1
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com