Electronic Components Datasheet Search
  English  ▼

X  

X88C64 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X88C64
Description  E2 Micro-Peripheral
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C64 Datasheet(HTML) 1 Page - Xicor Inc.

  X88C64 Datasheet HTML 1Page - Xicor Inc. X88C64 Datasheet HTML 2Page - Xicor Inc. X88C64 Datasheet HTML 3Page - Xicor Inc. X88C64 Datasheet HTML 4Page - Xicor Inc. X88C64 Datasheet HTML 5Page - Xicor Inc. X88C64 Datasheet HTML 6Page - Xicor Inc. X88C64 Datasheet HTML 7Page - Xicor Inc. X88C64 Datasheet HTML 8Page - Xicor Inc. X88C64 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
X88C64
1
© Xicor, Inc. 1994, 1995, 1996 Patents Pending
Characteristics subject to change without notice
3867-1.5 7/9/96 T0/C2/D0 NS
E2 Micro-Peripheral
3867 FHD F02
8051 Microcontroller Family Compatible
CONCURRENT READ WRITE™ is a trademark of Xicor, Inc.
DESCRIPTION
The X88C64 is an 8K x 8 E2PROM fabricated with
advanced CMOS Textured Poly Floating Gate Tech-
nology. The X88C64 features a Multiplexed Address
and Data bus allowing a direct interface to a variety of
popular single-chip microcontrollers operating in ex-
panded multiplexed mode without the need for addi-
tional interface circuitry.
The X88C64 is internally configured as two indepen-
dent 4K x 8 memory arrays. This feature provides the
ability to perform nonvolatile memory updates in one
array and continue operation out of code stored in the
other array; effectively eliminating the need for an
auxiliary memory device for code storage.
To write to the X88C64, a three-byte command
sequence must precede the byte(s) being written. The
X88C64 also provides a second generation software
data protection scheme called Block Protect. Block
Protect can provide write lockout of the entire device
or selected 1K blocks. There are eight 1K x 8 blocks
that can be write protected individually in any combi-
nation required by the user. Block Protect, in addition
to Write Control input, allows the different segments
of the memory to have varying degrees of alterability
in normal system operation.
FEATURES
• CONCURRENT READ WRITE™
—Dual Plane Architecture
—Isolates Read/Write Functions
Between Planes
—Allows Continuous Execution of Code
From One Plane While Writing in
the Other Plane
• Multiplexed Address/Data Bus
—Direct Interface to Popular 8051 Family
• High Performance CMOS
—Fast Access Time, 120ns
—Low Power
—60mA Active Maximum
—500
µA Standby Maximum
• Software Data Protection
• Block Protect Register
—Individually Set Write Lock Out in 1K Blocks
• Toggle Bit Polling
—Early End of Write Detection
• Page Mode Write
—Allows up to 32 Bytes to be Written in
One Write Cycle
• High Reliability
—Endurance: 100,000 Write Cycle
—Data Retention: 100 Years
CONTROL
LOGIC
SOFTWARE
DATA
PROTECT
CE
WR
RD
PSEN
A8–A11
ALE
L
A
T
C
H
E
S
D
E
C
O
D
E
A12
A12
M
U
X
1K BYTES
1K BYTES
1K BYTES
1K BYTES
Y DECODE
I/O & ADDRESS LATCHES AND BUFFERS
A/D0–A/D7
WC
1K BYTES
1K BYTES
1K BYTES
1K BYTES
A12
X
FUNCTIONAL DIAGRAM
SLIC
64K
X88C64
8192 x 8 Bit
APPLICATION NOTE
A V AILABLE
AN63


Similar Part No. - X88C64

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
E2 Micro-Peripheral
X88C64P XICOR-X88C64P Datasheet
47Kb / 3P
E2 Micro-Peripheral
X88C64PI XICOR-X88C64PI Datasheet
47Kb / 3P
E2 Micro-Peripheral
X88C64PM XICOR-X88C64PM Datasheet
47Kb / 3P
E2 Micro-Peripheral
X88C64S XICOR-X88C64S Datasheet
47Kb / 3P
E2 Micro-Peripheral
More results

Similar Description - X88C64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
Multifunction Peripheral
logo
Xicor Inc.
X68257 XICOR-X68257 Datasheet
70Kb / 14P
E2 Micro-Peripheral
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
E2 Micro-Peripheral
X86C64 XICOR-X86C64 Datasheet
62Kb / 12P
E2 Micro-Peripheral
X88064 XICOR-X88064 Datasheet
81Kb / 15P
E2 Micro-Peripheral
X88257 XICOR-X88257 Datasheet
70Kb / 15P
E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
E2 Micro-Peripheral
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
High Performance E2 PLD
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
CMOS E2/E3 Framer (E2/E3F)
logo
List of Unclassifed Man...
E2-100-06-34PZ ETC2-E2-100-06-34PZ Datasheet
386Kb / 5P
e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com