Electronic Components Datasheet Search
  English  ▼

X  

X9015 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9015
Description  Digitally-Controlled Potentiometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9015 Datasheet(HTML) 4 Page - Xicor Inc.

  X9015 Datasheet HTML 1Page - Xicor Inc. X9015 Datasheet HTML 2Page - Xicor Inc. X9015 Datasheet HTML 3Page - Xicor Inc. X9015 Datasheet HTML 4Page - Xicor Inc. X9015 Datasheet HTML 5Page - Xicor Inc. X9015 Datasheet HTML 6Page - Xicor Inc. X9015 Datasheet HTML 7Page - Xicor Inc. X9015 Datasheet HTML 8Page - Xicor Inc. X9015 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
X9015
4
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .........................–65
°C to +135°C
Storage Temperature..............................–65°C to +150°C
Voltage on CS, INC, U/D, VH, VL and VCC
with Respect to VSS.................................. –1V to +7V
∆V = |VH–VL| .................................................................5V
Lead Temperature (Soldering 10 seconds)............. 300°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
listed in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
–40°C
+85°C
Supply Voltage (VCC)
Limits
X9015
5V ±10%
X9015-2.7
2.7V to 5.5V
POTENTIOMETER CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes:
(1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage
= (Vw(n)(actual) – Vw(n)(expected)) = ±1 Ml Maximum.
(2) Relative Linearity is a measure of the error in step size between taps = VW(n+1) – [Vw(n) + Ml] = ±0.2 Ml.
(3) 1 Ml = Minimum Increment = RTOT/31.
(4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is periodically sampled and not 100% tested.
Symbol
Parameter
Limits
Test Conditions/Notes
Min.
Typ.
Max.
Units
RTOTAL
End to End Resistance Variation
–20
+20
%
VVH
VH Terminal Voltage
0
VCC
V
VVL
VL Terminal Voltage
0
VCC
V
Power Rating
10
mW
RTOTAL ≤ 50KΩ
RW
Wiper Resistance
200
400
Ω
IW = 1mA, VCC = 5V
RW
Wiper Resistance
400
1000
Ω
IW = 1mA, VCC = 2.7V
IW
Wiper Current
±1
mA
Noise
-120
dBV
Ref: 1kHz
Resolution
3%
Absolute Linearity(1)
-1
+1
MI(3)
Vw(n)(actual) – Vw(n)(expected)
Relative Linearity(2)
-0.2
+0.2
MI(3)
Vw(n+1) – [Vw(n)+MI]
RTOTAL Temperature Coefficient
±300
ppm/°C
Ratiometric Temperature Coefficient
±20
ppm/°C
CH/CL/CW
Potentiometer Capacitances
10/10/25
pF
See circuit #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com