Electronic Components Datasheet Search
  English  ▼

X  

X9221 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X9221
Description  Dual E2POT??Nonvolatile Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9221 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X9221 Datasheet HTML 4Page - Xicor Inc. X9221 Datasheet HTML 5Page - Xicor Inc. X9221 Datasheet HTML 6Page - Xicor Inc. X9221 Datasheet HTML 7Page - Xicor Inc. X9221 Datasheet HTML 8Page - Xicor Inc. X9221 Datasheet HTML 9Page - Xicor Inc. X9221 Datasheet HTML 10Page - Xicor Inc. X9221 Datasheet HTML 11Page - Xicor Inc. X9221 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
X9221
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on SCK, SCL or any Address Input
with Respect to VSS ................................... –1V to +7V
Voltage on any VH or VL Referenced to VSS ......... ±8V
∆V = |VH–VL|......................................................... 16V
Lead Temperature (Soldering, 10 seconds) ...... 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
Notes: (1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper
position when used as a potentiometer.
(2) Relative Linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (VH – VL)/63, single pot
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3079 PGM T02
Supply Voltage
Limits
X9221
5V
±10%
3079 PGM T03.1
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
RTOTAL End to End Resistance
–20
+20
%
Power Rating
50
mW
25
°C, each pot
IW
Wiper Current
–1
+1
mA
RW
Wiper Resistance
40
100
Ω
Wiper Current =
± 1mA
VTERM
Voltage on any VH or
–5
+5
V
or VL Pin
Noise
≤120
dB/
Ref: 1V
Resolution
1.6
%
Absolute Linearity (1)
–1
+1
MI(3)
Vw(n)(actual) – Vw(n)(expected)
Relative Linearity (2)
–0.2
+0.2
MI(3)
Vw(n + 1) – [Vw(n) + MI]
Temperature Coefficient
±300
ppm/
°C
3079 PGM T04.2
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
lCC
Supply Current (Active)
3
mA
fSCL = 100KHz, SDA = Open,
Other Inputs = VSS
ISB
VCC Current (Standby)
200
500
µA
SCL=SDA=VCC, Addr.= VSS
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC
VIH
Input HIGH Voltage
2
VCC + 1
V
VIL
Input LOW Voltage
–1
0.8
V
VOL
Output LOW Voltage
0.4
V
IOL = 3mA
3079 PGM T05.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com