| Electronic Components Datasheet Search |
|
X9316 Datasheet(PDF) 2 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X9316 Datasheet(HTML) 2 Page - Xicor Inc. |
|
2 / 12 page ![]() X9316 2 PIN DESCRIPTIONS VH and VL The high (VH) and low (VL) terminals of the X9316 are equivalent to the fixed terminals of a mechanical potenti- ometer. The minimum voltage is V– and the maximum is V+. It should be noted that the terminology of VL and VH references the relative position of the terminal in relation to wiper movement direction selected by the U/D input and not the voltage potential on the terminal. VW VW is the wiper terminal, equivalent to the movable termi- nal of a mechanical potentiometer. The position of the wiper within the array is determined by the control inputs. The wiper terminal series resistance is typically 100 Ω. Up/Down (U/D) The U/D input controls the direction of the wiper move- ment and whether the counter is incremented or decre- mented. Increment (INC) The INC input is negative-edge triggered. Toggling INC will move the wiper and either increment or decrement the counter in the direction indicated by the logic level on the U/D input. Chip Select (CS) The device is selected when the CS input is LOW. The current counter value is stored in nonvolatile memory when CS is returned HIGH while the INC input is also HIGH. After the store operation is complete, the X9316 will be placed in the low power standby mode until the device is selected once again. V+, V– (Analog positive/negative power supply) The V+ and V– pins supply an external voltage to the wiper position decoder. PIN CONFIGURATION PIN NAMES 7000 FRM T01.1 Symbol Description VH High Terminal VW Wiper Terminal VL Low Terminal VSS Ground VCC Supply Voltage U/D Up/Down Input INC Increment Input CS Chip Select Input V+ Positive Analog Voltage V– Negative Analog Voltage 14-LEAD DIP/SOIC NC VCC CS VL VW V+ NC 7000 FRM 02 NC INC U/D VH VSS V– NC 1 2 3 4 5 6 7 14 13 12 11 10 9 8 X9316 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |