Electronic Components Datasheet Search
  English  ▼

X  

X9312WS Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9312WS
Description  E2POT??Nonvolatile Digital Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9312WS Datasheet(HTML) 6 Page - Xicor Inc.

  X9312WS Datasheet HTML 1Page - Xicor Inc. X9312WS Datasheet HTML 2Page - Xicor Inc. X9312WS Datasheet HTML 3Page - Xicor Inc. X9312WS Datasheet HTML 4Page - Xicor Inc. X9312WS Datasheet HTML 5Page - Xicor Inc. X9312WS Datasheet HTML 6Page - Xicor Inc. X9312WS Datasheet HTML 7Page - Xicor Inc. X9312WS Datasheet HTML 8Page - Xicor Inc. X9312WS Datasheet HTML 9Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
X9312
6
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
10ns
Input Reference Levels
1.5V
3865 PGM T05.1
MODE SELECTION
CS
INC
U/
D
Mode
L
H
Wiper Up
L
L
Wiper Down
H
X
Store Wiper Position
H
X
X
Standby
L
X
No Store, Return to
Standby
3865 PGM T06
A.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified)
Limits
Symbol
Parameter
Min.
Typ.(6)
Max.
Units
tCl
CS to INC Setup
100
ns
tlD
INC HIGH to U/D Change
100
ns
tDI
U/
D to INC Setup
1
µs
tlL
INC LOW Period
1
µs
tlH
INC HIGH Period
1
µs
tlC
INC Inactive to CS Inactive
1
µs
tCPH
CS Deselect Time
20
ms
tIW
INC to Vw Change
100
500
µs
tCYC
INC Cycle Time
4
µs
tR, tF(7)
INC Input Rise and Fall Time
500
µs
tPU(7)
Power up to Wiper Stable
500
µs
tR VCC(7)
VCC Power-up Rate
0.2
50
mV/
µs
3865 PGM T07.4
A.C. Timing
3865 FHD F03
Notes: (6) Typical values are for TA = 25°C and nominal supply voltage.
(7) This parameter is periodically sampled and not 100% tested.
(8) MI in the A.C. timing diagram refers to the minimum incremental change in the VW output due to a change in the wiper position.
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
(8)
tIC
tCPH
tF
tR
10%
90%
90%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com