Electronic Components Datasheet Search
  English  ▼

X  

SSM4228M Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SSM4228M
Description  DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4228M Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SSM4228M Datasheet HTML 1Page - Silicon Standard Corp. SSM4228M Datasheet HTML 2Page - Silicon Standard Corp. SSM4228M Datasheet HTML 3Page - Silicon Standard Corp. SSM4228M Datasheet HTML 4Page - Silicon Standard Corp. SSM4228M Datasheet HTML 5Page - Silicon Standard Corp. SSM4228M Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.SiliconStandard.com
5 of 6
SSM4228M/GM
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of
Fig 12. Gate Threshold Voltage vs.
Reverse Diode
Junction Temperature
1
1.5
2
2.5
-50
0
50
100
150
T j , Junction Temperature (
o C )
0
3
6
9
12
15
0
10
203040
Q G , Total Gate Charge (nC)
Id=6A
V DS =20V
10
100
1000
10000
1
6
11
16
21
26
31
V DS (V)
f=1.0MHz
Ciss
Coss
Crss
0.1
1
10
0
0.4
0.8
1.2
1.6
V SD (V)
Tj=25
o C
Tj=150
o C
4/26/2004 Rev.2.10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com