Electronic Components Datasheet Search
  English  ▼

X  

SSM4800M Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM4800M
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4800M Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM4800M Datasheet HTML 1Page - Silicon Standard Corp. SSM4800M Datasheet HTML 2Page - Silicon Standard Corp. SSM4800M Datasheet HTML 3Page - Silicon Standard Corp. SSM4800M Datasheet HTML 4Page - Silicon Standard Corp. SSM4800M Datasheet HTML 5Page - Silicon Standard Corp. SSM4800M Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.SiliconStandard.com
1 of 6
SSM4800M
N-CHANNEL ENHANCEMENT MODE
POWER MOSFET
Low On-Resistance
BV DSS
25V
Fast Switching
R DS(ON)
18mΩ
Simple Drive Requirement
I D
9A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-amb
Thermal Resistance Junction-ambient
Max.
50
℃/W
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.02
Thermal Data
Parameter
Storage Temperature Range
-55 to 150
Pulsed Drain Current
1
40
Total Power Dissipation
2.5
Continuous Drain Current, VGS @ 10V
9
Continuous Drain Current, VGS @ 10V
7
Drain-Source Voltage
25
Gate-Source Voltage
Parameter
Rating
Power MOSFETs from Silicon Standard provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The SSM4800M is in the SO-8 package, which is widely preferred for
commercial and industrial surface mount applications, and is well suited
for low-voltage applications such as DC/DC converters.
G
D
S
± 20
S
S
S
G
D
D
D
D
SO-8
G
D
S
Rev.2.01 6/26/2003


Similar Part No. - SSM4800M

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM4800AGM SSC-SSM4800AGM Datasheet
399Kb / 5P
N-Channel Enhancement Mode Power Mosfet
logo
VBsemi Electronics Co.,...
SSM4800AGM VBSEMI-SSM4800AGM Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
More results

Similar Description - SSM4800M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com