Electronic Components Datasheet Search
  English  ▼

X  

XM28C040M Datasheet(PDF) 15 Page - Xicor Inc.

Part # XM28C040M
Description  5 Volt, Byte Alterable E2PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM28C040M Datasheet(HTML) 15 Page - Xicor Inc.

Back Button XM28C040M Datasheet HTML 9Page - Xicor Inc. XM28C040M Datasheet HTML 10Page - Xicor Inc. XM28C040M Datasheet HTML 11Page - Xicor Inc. XM28C040M Datasheet HTML 12Page - Xicor Inc. XM28C040M Datasheet HTML 13Page - Xicor Inc. XM28C040M Datasheet HTML 14Page - Xicor Inc. XM28C040M Datasheet HTML 15Page - Xicor Inc. XM28C040M Datasheet HTML 16Page - Xicor Inc. XM28C040M Datasheet HTML 17Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
XM28C040
15
MultiPlane Architecture
The design of the XM28C040 has implemented a mul-
tiplane architecture. That is, there are four independent
128K x 8 memory spaces or planes, each selected by its
own chip enable input via the on-board decoder chip.
This architecture can be utilized in a number of ways.
Separate Data and Program Memory Spaces
The multiplane concept allows the system to write to one
plane of the module and still be able to read (continue
executing code) from the module, utilizing any plane not
performing a write operation.
This concept of separate data and program spaces can
be expanded by providing a simple off-module circuit
that will disable writes to predetermined portions of
memory. A very basic version is shown in the Functional
Diagram. Whenever A18 is HIGH, the WE input is forced
HIGH, write protecting one half the module. This half
would be reserved for read only program store while the
other half would be available for read and write data
store.
Expanded Sequential Page Lengths
A standard system implementation would be decoding
externally the module's chip enable and then wiring
each address of the module to its corresponding ad-
dress line in the system. This would effectively provide
the system a memory organized as four separate memory
planes with a sequential page address space of 256
bytes.
In an application such as data logging, the most efficient
method of logging the data is in a sequential manner. If
the data come in bursts that exceed 256 bytes in length
a longer page might be desirable. By swapping address
lines externally the effective page length can be ex-
panded to 1024 bytes. Refer to the table below for a
matrix illustrating the various page length options.
TABLE 1.
ADDRESS TRANSLATION MATRIX
Effective
A0-A7
A8-A16
A17
A18
Page Size
No. of
Planes
A0-A7
A8-A16
A17
A18
256
4
A0-A7
A9-A17
A8
A18
512
2
A0-A7
A10-A18
A8
A9
1024
1
3873 PGM T09
System
Address
Lines
Module Address Inputs
Note:
The user should be aware the overall ICC of the module will increase as more individual components on the module are activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com