Electronic Components Datasheet Search
  English  ▼

X  

SSM9915H Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM9915H
Description  N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9915H Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM9915H Datasheet HTML 1Page - Silicon Standard Corp. SSM9915H Datasheet HTML 2Page - Silicon Standard Corp. SSM9915H Datasheet HTML 3Page - Silicon Standard Corp. SSM9915H Datasheet HTML 4Page - Silicon Standard Corp. SSM9915H Datasheet HTML 5Page - Silicon Standard Corp. SSM9915H Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.SiliconStandard.com
1 of 6
SSM9915H,J
N-CHANNEL ENHANCEMENT-MODE
POWER MOSFET
Low on-resistance
BV DSS
20V
Capable of 2.5V gate drive
R DS(ON)
50mΩ
Low drive current
I D
20A
Simple drive requirement
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=125℃
A
IDM
A
PD@TC=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-c
Thermal Resistance Junction-case
Max.
4.8
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
110
℃/W
Parameter
Rating
Drain-Source Voltage
20
Gate-Source Voltage
Continuous Drain Current, VGS @ 4.5V
20
Continuous Drain Current, VGS @ 4.5V
16
Pulsed Drain Current
1
41
Total Power Dissipation
26
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.2
Thermal Data
Parameter
Storage Temperature Range
Power MOSFETs from Silicon Standard provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.
± 10
G
D
S
TO-252(H)
G
D
S
TO-251(J)
G
D
S
Rev.2.01 6/26/2003


Similar Part No. - SSM9915H

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM9915 SECOS-SSM9915 Datasheet
609Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
logo
Silicon Standard Corp.
SSM9915K SSC-SSM9915K Datasheet
212Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - SSM9915H

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com